Electronic Components Datasheet Search
  English  ▼

X  

MCF52221 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MCF52221
Description  ColdFire Microcontroller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF52221 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MCF52221 Datasheet HTML 35Page - Freescale Semiconductor, Inc MCF52221 Datasheet HTML 36Page - Freescale Semiconductor, Inc MCF52221 Datasheet HTML 37Page - Freescale Semiconductor, Inc MCF52221 Datasheet HTML 38Page - Freescale Semiconductor, Inc MCF52221 Datasheet HTML 39Page - Freescale Semiconductor, Inc MCF52221 Datasheet HTML 40Page - Freescale Semiconductor, Inc MCF52221 Datasheet HTML 41Page - Freescale Semiconductor, Inc MCF52221 Datasheet HTML 42Page - Freescale Semiconductor, Inc MCF52221 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
Electrical Characteristics
MCF52223 ColdFire Microcontroller, Rev. 2
Freescale Semiconductor
39
2.13
DMA Timers Timing Specifications
Table 33 lists timer module AC timings.
2.14
QSPI Electrical Specifications
Table 34 lists QSPI timings.
The values in Table 34 correspond to Figure 10.
Figure 10. QSPI Timing
Table 33. Timer Module AC Timing Specifications
Name
Characteristic1
1 All timing references to CLKOUT are given to its rising edge.
Min
Max
Unit
T1
DTIN0 / DTIN1 / DTIN2 / DTIN3 cycle time
3
× t
CYC
—ns
T2
DTIN0 / DTIN1 / DTIN2 / DTIN3 pulse width
1
× t
CYC
—ns
Table 34. QSPI Modules AC Timing Specifications
Name
Characteristic
Min
Max
Unit
QS1
QSPI_CS[3:0] to QSPI_CLK
1
510
tCYC
QS2
QSPI_CLK high to QSPI_DOUT valid
—
10
ns
QS3
QSPI_CLK high to QSPI_DOUT invalid (Output hold)
2
—
ns
QS4
QSPI_DIN to QSPI_CLK (Input setup)
9
—
ns
QS5
QSPI_DIN to QSPI_CLK (Input hold)
9
—
ns
QSPI_CS[3:0]
QSPI_CLK
QSPI_DOUT
QS5
QS1
QSPI_DIN
QS3
QS4
QS2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com