Electronic Components Datasheet Search
  English  ▼

X  

MCF52221 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MCF52221
Description  ColdFire Microcontroller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF52221 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MCF52221 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF52221 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF52221 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF52221 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF52221 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF52221 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF52221 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF52221 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF52221 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
Freescale Semiconductor
Data Sheet
Document Number: MCF52223DS
Rev. 2, 04/2007
© Freescale Semiconductor, Inc., 2007. All rights reserved.
This document contains information on a product under development. Freescale reserves the
right to change or discontinue this product without notice.
MCF52223
LQFP–64
10 mm x 10 mm
MAPBGA–81
10 mm x 10 mm
LQFP–100
14 mm x 14 mm
QFN–64
9mmx9mm
The MCF52223 is a member of the ColdFire® family of
reduced instruction set computing (RISC) microprocessors.
This document provides an overview of the 32-bit MCF52223
microcontroller, focusing on its highly integrated and diverse
feature set.
This 32-bit device is based on the Version 2 ColdFire core
operating at a frequency up to 80 MHz, offering high
performance and low power consumption. On-chip memories
connected tightly to the processor core include up to
256 Kbytes of flash memory and 32 Kbytes of static random
access memory (SRAM). On-chip modules include:
• V2 ColdFire core delivering 76 MIPS (Dhrystone 2.1) at 80
MHz running from internal flash memory with Multiply
Accumulate (MAC) Unit and hardware divider
• Universal Serial Bus On-The-Go (USBOTG)
• USB Transceiver
• Three universal asynchronous/synchronous
receiver/transmitters (UARTs)
• Inter-integrated circuit (I2C™) bus controller
• Queued serial peripheral interface (QSPI) module
• Eight-channel 12-bit fast analog-to-digital converter
(ADC)
• Four-channel direct memory access (DMA) controller
• Four 32-bit input capture/output compare timers with
DMA support (DTIM)
• Four-channel general-purpose timer (GPT) capable of
input capture/output compare, pulse width modulation
(PWM), and pulse accumulation
• Eight-channel/Four-channel, 8-bit/16-bit pulse width
modulation timer
• Two 16-bit periodic interrupt timers (PITs)
• Real-time clock (RTC) module
• Programmable software watchdog timer
• Interrupt controller capable of handling 57 sources
• Clock module with 8 MHz on-chip relaxation oscillator
and integrated phase-locked loop (PLL)
• Test access/debug port (JTAG, BDM)
MCF52223 ColdFire
Microcontroller
Supports MCF52223 &
MCF52221


Similar Part No. - MCF52221

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF52221 FREESCALE-MCF52221 Datasheet
834Kb / 56P
Microcontroller Data Sheet
logo
NXP Semiconductors
MCF52221 NXP-MCF52221 Datasheet
1Mb / 55P
MCF52223 ColdFire Microcontroller
Rev. 3, 3/2011
logo
Freescale Semiconductor...
MCF52221CAE66 FREESCALE-MCF52221CAE66 Datasheet
1Mb / 50P
MCF52259 ColdFire Microcontroller
logo
NXP Semiconductors
MCF52221CAE66 NXP-MCF52221CAE66 Datasheet
1Mb / 55P
MCF52223 ColdFire Microcontroller
Rev. 3, 3/2011
logo
Freescale Semiconductor...
MCF52221CAF66 FREESCALE-MCF52221CAF66 Datasheet
1Mb / 50P
MCF52259 ColdFire Microcontroller
More results

Similar Description - MCF52221

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF5213 FREESCALE-MCF5213_07 Datasheet
944Kb / 56P
ColdFire Microcontroller
MCF52110 FREESCALE-MCF52110 Datasheet
1Mb / 54P
ColdFire Microcontroller
MCF52211 FREESCALE-MCF52211 Datasheet
1Mb / 54P
ColdFire Microcontroller
MCF52223 FREESCALE-MCF52223_07 Datasheet
1Mb / 56P
ColdFire Microcontroller
MCF52211 FREESCALE-MCF52211_07 Datasheet
957Kb / 56P
ColdFire Microcontroller
MCF52235DS FREESCALE-MCF52235DS Datasheet
1,001Kb / 54P
ColdFire Microcontroller
MCF51AC256 FREESCALE-MCF51AC256_09 Datasheet
1Mb / 46P
ColdFire Microcontroller
MCF52259 FREESCALE-MCF52259_09 Datasheet
3Mb / 46P
ColdFire Microcontroller
MCF51EM256 FREESCALE-MCF51EM256 Datasheet
1Mb / 54P
ColdFire Microcontroller
MCF52259 FREESCALE-MCF52259_10 Datasheet
2Mb / 46P
ColdFire Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com