Electronic Components Datasheet Search
  English  ▼

X  

PAM2400 Datasheet(PDF) 5 Page - Power Analog Micoelectronics

Part # PAM2400
Description  3-Pin Synchronous Step-Up DC/DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2400 Datasheet(HTML) 5 Page - Power Analog Micoelectronics

  PAM2400 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2400 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2400 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2400 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2400 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2400 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2400 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2400 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2400 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Typical Performance Characteristics(continued)
C =22 F,C =47 F,T =25°C, unless otherwise noted.
IN
O
A
μμ
PAM2400
3-Pin Synchronous Step-Up DC/DC Converter
5
12/2007 Rev 1.0
,
Power Analog Microelectronics Inc
www.poweranalog.com
1.Output voltage vs Output current
3.Start up Voltage and Hold on voltage vs
Output Current
2.Efficiency vs Output Current
Vo=2.7V
0
0.5
1
1.5
2
2.5
3
0
30
60
90
120
Output current(mA)
Vin=0.9V
Vin=1.2V
Vin=1.5V
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
0
20
40
60
80
100
120
Output current(mA)
Vin=0.9V
Vin=1.2V
Vin=1.5V
0
0.2
0.4
0.6
0.8
1
1.2
0
5
10
15
20
25
Output current(mA)
Start up
Hold on
4. Output Voltage vs Temperature
5.
vs Temperature
I
DD1
2.6
2.64
2.68
2.72
2.76
2.8
0
30
60
90
120
150
Temperature(
℃)
0
2
4
6
8
10
12
14
16
0
30
60
90
120
150
Temperature(
℃)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com