Electronic Components Datasheet Search
  English  ▼

X  

PAM2400 Datasheet(PDF) 1 Page - Power Analog Micoelectronics

Part # PAM2400
Description  3-Pin Synchronous Step-Up DC/DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2400 Datasheet(HTML) 1 Page - Power Analog Micoelectronics

  PAM2400 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2400 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2400 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2400 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2400 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2400 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2400 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2400 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2400 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Features
Schottky Diode Embedded, Saving Cost
and Space
Low Start-up Voltage (0.9V)
Pagers
Cameras
Wireless Microphones
Pocket Organizers
Battery Backup Suppliers
Portable Instruments
Pb-Free Package
Applications
General Description
n
n
n
n
n
n
n
n
n
n
n
n
n
n
High Efficiency up to 88%
Low Quiescent Current
Low Ripple and Noise
Available Output Voltage: 2.0V,2.7V,2.8V,
and 5.0V
Space Saving Packages: SOT-89, SOT-23
The PAM2400 is a high efficiency step-up DC/DC
converter, delivering a fixed output voltage of
The
device starts up with an input voltage as low as
0.9V at 1mA load. The P ulse F requency
Modulation (PFM) scheme provides optimized
performance for applications with light load and
low input voltages.
The PAM2400 employs a built-in synchronous
rectifier, instead of requiring an external Schottky
diode, so that to improve system efficiency and
save system cost and PCB area.
The internal PFM control circuit operates at
constant switching frequency of
The
space saving SOT-89 and SOT-23 packages make
the PAM2400 ideal for s pace c onscious
applications.
3.0V, 3.3V,3.8V
2.0V, 2.7V, 2.8V, 3.0V, 3.3V, 3.8V or 5.0V.
100KHz. Only
three external components are required.
Typical Application
PAM2400
3-Pin Synchronous Step-Up DC/DC Converter
Block Diagram
1
www.poweranalog.com
V
IN
L1
100 H
μ
VOUT
GND
SW
C
22 F
IN
μ
+
C
47 F
O
μ
+
PAM2400
V
O
12/2007 Rev 1.0
,
Power Analog Microelectronics Inc
VOUT
GND
Enable
OSC 100KHz
1M
1.25V REF
-
+
SW


Similar Part No. - PAM2400

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM2401 DIODES-PAM2401 Datasheet
485Kb / 10P
1.0MHz STEP-UP DC-DC CONVERTER
Rev 1
PAM2401SCADJ DIODES-PAM2401SCADJ Datasheet
485Kb / 10P
1.0MHz STEP-UP DC-DC CONVERTER
Rev 1
PAM2401YPADJ DIODES-PAM2401YPADJ Datasheet
485Kb / 10P
1.0MHz STEP-UP DC-DC CONVERTER
Rev 1
More results

Similar Description - PAM2400

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1638 AIC-AIC1638 Datasheet
240Kb / 15P
3-PIN ONE-CELL STEP-UP DC/DC CONVERTER
AIC1642 AIC-AIC1642 Datasheet
251Kb / 14P
3-Pin One-Cell Step-Up DC/DC Converter
AIC1639 AIC-AIC1639 Datasheet
147Kb / 11P
3-PIN ONE-CELL STEP-UP DC/DC CONVERTER
logo
Silicon Standard Corp.
SS6638G SSC-SS6638G Datasheet
909Kb / 19P
Simple 3-Pin Step-Up DC/DC Converter
SS6642G SSC-SS6642G Datasheet
1Mb / 22P
3-Pin Simple Step-Up DC/DC Converter
logo
Torex Semiconductor
XC9140 TOREX-XC9140 Datasheet
980Kb / 28P
Step-Up Synchronous PFM DC/DC Converter
logo
List of Unclassifed Man...
FT435X ETC2-FT435X Datasheet
178Kb / 9P
PFM Synchronous Step-up DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM6382 HMSEMI-HM6382 Datasheet
996Kb / 10P
Synchronous step-up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE701CC ACE-ACE701CC Datasheet
882Kb / 11P
Synchronous Step-Up DC/DC Converter
VER 1.2
logo
AiT Semiconductor Inc.
A7530A AITSEMI-A7530A Datasheet
557Kb / 7P
DC-DC CONVERTER/BOOST (STEP-UP) SYNCHRONOUS PFM STEP-UP DC-DC CONVERTER
REV1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com