Electronic Components Datasheet Search
  English  ▼

X  

PAM2400 Datasheet(PDF) 12 Page - Power Analog Micoelectronics

Part # PAM2400
Description  3-Pin Synchronous Step-Up DC/DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2400 Datasheet(HTML) 12 Page - Power Analog Micoelectronics

Back Button PAM2400 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2400 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2400 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2400 Datasheet HTML 9Page - Power Analog Micoelectronics PAM2400 Datasheet HTML 10Page - Power Analog Micoelectronics PAM2400 Datasheet HTML 11Page - Power Analog Micoelectronics PAM2400 Datasheet HTML 12Page - Power Analog Micoelectronics PAM2400 Datasheet HTML 13Page - Power Analog Micoelectronics PAM2400 Datasheet HTML 14Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Ordering Information
12
Output Voltage
Number of Pins
Package Type
Pin Configuration
PAM2400 XXXXXX
12/2007 Rev 1.0
,
Power Analog Microelectronics Inc
www.poweranalog.com
Pin Configuration
Package Type
Number of Pins
Output Voltage
AType
1. GND
2. VOUT
3. SW
A: SOT-23-3
C: SOT-89-3
A: 3
200: 2.0V
270: 2.7V
280: 2.8V
300: 3.0V
330: 3.3V
380: 3.8V
500: 5.0V
Part Number
Output Voltage
Marking
Package Type
MOQ
PAM2400AAA200
2.0V
CCGYW
SOT-23-3
3,000Unites/Tape&Reel
PAM2400ACA200
2.0V
P2400G
XXXYW
SOT-89-3
1,000Unites/Tape&Reel
PAM2400AAA270
2.7V
CCHYW
SOT-23-3
3,000Unites/Tape&Reel
PAM2400ACA270
2.7V
P2400H
XXXYW
SOT-89-3
1,000Unites/Tape&Reel
PAM2400AAA280
2.8V
CCRYW
SOT-23-3
3,000Unites/Tape&Reel
PAM2400ACA280
2.8V
P2400R
XXXYW
SOT-89-3
1,000Unites/Tape&Reel
PAM2400AAA300
3.0V
CCCYW
SOT-23-3
3,000Unites/Tape&Reel
PAM2400ACA300
3.0V
P2400C
XXXYW
SOT-89-3
1,000Unites/Tape&Reel
PAM2400AAA330
3.3V
CCDYW
SOT-23-3
3,000Unites/Tape&Reel
PAM2400ACA330
3.3V
P2400D
XXXYW
SOT-89-3
1,000Unites/Tape&Reel
PAM2400AAA380
3.8V
CCEYW
SOT-23-3
3,000Unites/Tape&Reel
PAM2400ACA380
3.8V
P2400E
XXXYW
SOT-89-3
1,000Unites/Tape&Reel
PAM2400AAA500
5.0V
CCFYW
SOT-23-3
3,000Unites/Tape&Reel
PAM2400ACA500
5.0V
P2400F
XXXYW
SOT-89-3
1,000Unites/Tape&Reel
PAM2400
3-Pin Synchronous Step-Up DC/DC Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com