Electronic Components Datasheet Search
  English  ▼

X  

2SK1968 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SK1968
Description  Silicon N Channel MOS FET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK1968 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SK1968 Datasheet HTML 1Page - Renesas Technology Corp 2SK1968 Datasheet HTML 2Page - Renesas Technology Corp 2SK1968 Datasheet HTML 3Page - Renesas Technology Corp 2SK1968 Datasheet HTML 4Page - Renesas Technology Corp 2SK1968 Datasheet HTML 5Page - Renesas Technology Corp 2SK1968 Datasheet HTML 6Page - Renesas Technology Corp 2SK1968 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SK1968
Rev.2.00 Sep 07, 2005 page 3 of 6
Main Characteristics
Power vs. Temperature Derating
Case Temperature TC (°C)
Maximum Safe Operation Area
Drain to Source Voltage VDS (V)
Typical Output Characteristics
Drain to Source Voltage VDS (V)
Typical Transfer Characteristics
Gate to Source Voltage VGS (V)
Gate to Source Voltage VGS (V)
Drain to Source Saturation Voltage
vs. Gate to Source Voltage
Drain Current ID (A)
Static Drain to Source on State
Resistance vs. Drain Current
200
150
100
50
0
50
100
150
200
100
30
10
3
1
0.3
0.1
5
10
30
100
300
1000
10
µs
PW
=
10
ms(1
shot)
100
µs
1 ms
DC
O
perati
on
(Tc
=
25
°C)
Operation in this area
is limited by R
Ta = 25
°C
DS(on)
20
16
12
8
4
0
102030
40
50
4.5 V
V
= 4 V
GS
5 V
Pulse test
10 V
6 V
20
16
12
8
4
02
4
6
8
10
25
°C
Tc = 75
°C
–25
°C
Pulse test
V
= 20 V
DS
20
16
12
8
4
04
8
12
16
20
15 A
I
= 5 A
10 A
Pulse test
D
5
2
1
0.5
0.2
0.1
1
2
5
10
20
50
100
V
= 10 V
Pulse test
GS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com