Electronic Components Datasheet Search
  English  ▼

X  

2SC4197 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SC4197
Description  Silicon NPN Epitaxial
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4197 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 2SC4197 Datasheet HTML 2Page - Renesas Technology Corp 2SC4197 Datasheet HTML 3Page - Renesas Technology Corp 2SC4197 Datasheet HTML 4Page - Renesas Technology Corp 2SC4197 Datasheet HTML 5Page - Renesas Technology Corp 2SC4197 Datasheet HTML 6Page - Renesas Technology Corp 2SC4197 Datasheet HTML 7Page - Renesas Technology Corp 2SC4197 Datasheet HTML 8Page - Renesas Technology Corp 2SC4197 Datasheet HTML 9Page - Renesas Technology Corp 2SC4197 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2SC4197
Rev.3.00 Aug 10, 2005 page 6 of 9
S Parameters (Emitter Common)
Test Condition
VCE = 5 V, IC = 5 mA, ZO = 50
Ω
Freq.
S11
S21
S12
S22
(MHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
100
0.744
–48.4
13.142
145.9
0.034
67.5
0.876
–19.1
200
0.599
–85.5
9.669
123.5
0.053
55.9
0.702
–28.2
300
0.506
–110.7
7.201
109.5
0.064
52.6
0.586
–30.9
400
0.457
–128.9
5.696
100.6
0.072
52.7
0.520
–31.2
500
0.440
–143.5
4.687
93.9
0.079
54.3
0.480
–31.2
600
0.430
–155.1
3.977
88.1
0.087
57.1
0.452
–31.5
700
0.437
–163.2
3.453
83.5
0.095
59.4
0.432
–31.7
800
0.441
–170.9
3.070
79.1
0.104
61.3
0.417
–32.4
900
0.452
–177.1
2.746
75.4
0.113
63.6
0.402
–33.4
1000
0.462
177.5
2.508
71.9
0.122
65.6
0.390
–34.5
Test Condition
VCE = 5 V, IC = 10 mA, ZO = 50
Ω
Freq.
S11
S21
S12
S22
(MHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
100
0.585
–69.3
19.233
134.4
0.028
63.8
0.768
–25.6
200
0.460
–110.1
12.238
112.6
0.041
58.1
0.564
–31.4
300
0.408
–133.9
8.571
101.3
0.052
60.0
0.468
–30.5
400
0.390
–149.7
6.608
94.5
0.062
62.9
0.420
–29.1
500
0.390
–160.7
5.348
88.7
0.073
65.3
0.394
–28.1
600
0.391
–169.8
4.503
84.4
0.084
67.7
0.375
–27.8
700
0.404
–176.7
3.884
80.3
0.095
69.1
0.361
–27.7
800
0.411
178.0
3.446
76.8
0.107
70.3
0.350
–28.2
900
0.426
173.1
3.069
73.4
0.119
71.5
0.339
–29.0
1000
0.436
169.8
2.803
70.7
0.131
72.2
0.330
–29.7
Y Parameters (Emitter Common)
Test Condition
VCE = 5 V, IC = 5 mA
Freq.
Yie (mS)
Yfe (mS)
Yre (mS)
Yoe (mS)
(MHz)
REAL
IMAG.
REAL
IMAG.
REAL
IMAG.
REAL
IMAG.
100
2.663
5.357
161.804
–34.193
–0.002
–0.425
0.055
0.627
200
5.558
10.174
147.899
–63.499
–0.012
–0.880
0.025
1.270
300
9.651
13.450
125.634
–87.205
–0.041
–1.354
0.026
2.024
400
14.160
15.066
102.261
–102.289
–0.093
–1.820
0.044
2.772
500
18.753
15.624
80.041
–110.827
–0.150
–2.309
0.048
3.510
600
23.019
14.727
57.826
–114.923
–0.214
–2.798
0.124
4.301
700
26.444
13.908
40.437
–113.783
–0.263
–3.305
0.211
4.964
800
29.378
12.040
24.049
–111.316
–0.379
–3.822
0.268
5.828
900
31.931
9.960
10.602
–106.726
–0.466
–4.371
0.407
6.578
1000
33.671
7.667
–0.922
–101.485
–0.586
–4.913
0.524
7.381



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com