Electronic Components Datasheet Search
  English  ▼

X  

2SC4197 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 2SC4197
Description  Silicon NPN Epitaxial
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4197 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 2SC4197 Datasheet HTML 2Page - Renesas Technology Corp 2SC4197 Datasheet HTML 3Page - Renesas Technology Corp 2SC4197 Datasheet HTML 4Page - Renesas Technology Corp 2SC4197 Datasheet HTML 5Page - Renesas Technology Corp 2SC4197 Datasheet HTML 6Page - Renesas Technology Corp 2SC4197 Datasheet HTML 7Page - Renesas Technology Corp 2SC4197 Datasheet HTML 8Page - Renesas Technology Corp 2SC4197 Datasheet HTML 9Page - Renesas Technology Corp 2SC4197 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2SC4197
Rev.3.00 Aug 10, 2005 page 7 of 9
Test Condition
VCE = 5 V, IC = 10 mA
Freq.
Yie (mS)
Yfe (mS)
Yre (mS)
Yoe (mS)
(MHz)
REAL
IMAG.
REAL
IMAG.
REAL
IMAG.
REAL
IMAG.
100
5.212
6.660
273.909
–97.915
–0.002
–0.430
0.029
0.527
200
10.124
10.767
208.225
–154.453
–0.015
–0.876
0.011
1.307
300
15.094
11.730
141.558
–172.198
–0.044
–1.347
0.047
2.035
400
18.933
10.991
93.174
–169.490
–0.089
–1.817
0.064
2.735
500
21.811
10.074
58.181
–158.809
–0.133
–2.299
0.096
3.501
600
23.927
8.389
32.829
–146.284
–0.195
–2.785
0.173
4.226
700
25.848
7.170
15.188
–134.592
–0.276
–3.302
0.224
5.010
800
26.851
5.955
2.733
–123.322
–0.353
–3.808
0.282
5.760
900
28.097
4.633
–7.642
–113.209
–0.443
–4.375
0.394
6.551
1000
28.686
3.829
–13.979
–104.651
–0.523
–4.908
0.466
7.215



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com