Electronic Components Datasheet Search
  English  ▼

X  

2SC4197 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # 2SC4197
Description  Silicon NPN Epitaxial
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4197 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button 2SC4197 Datasheet HTML 2Page - Renesas Technology Corp 2SC4197 Datasheet HTML 3Page - Renesas Technology Corp 2SC4197 Datasheet HTML 4Page - Renesas Technology Corp 2SC4197 Datasheet HTML 5Page - Renesas Technology Corp 2SC4197 Datasheet HTML 6Page - Renesas Technology Corp 2SC4197 Datasheet HTML 7Page - Renesas Technology Corp 2SC4197 Datasheet HTML 8Page - Renesas Technology Corp 2SC4197 Datasheet HTML 9Page - Renesas Technology Corp 2SC4197 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
2SC4197
Rev.3.00 Aug 10, 2005 page 8 of 9
Conversion Gain and Noise Figure Test Circuit
D1
L3
L1
L2
L5
L4
D.U.T.
8 p
fin = 900 MHz
fosc = 930 MHz
(–5 dBm)
1 k
1 k
2.2 n
220
µ
100 p
fout = 30 MHz
RL = 50 Ω
100 p
2.2 n
2.2 n
2.2 n
47 k
VTout
Unit
Unit : mm
R :
Ω
C : F
L : H
D1
47 p
100
2.2 n
VTin
VBB
VCC
25
10
15
30
D1 : 1 SV 188
L1 : φ 1 mm Enameled Copper Wire.
L2 : φ 1 mm Enameled Copper Wire.
L3 : φ 1 mm Enameled Copper Wire.
L4 : φ 0.5 mm Enameled Copper Wire 1 Turn Inside Dia 3 mm
L5 : Inside Dia 5 mm Bobin, φ 0.2 mm Enameled Copper Wire 20 Turns with Ferrite Core.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com