Electronic Components Datasheet Search
  English  ▼

X  

16C6KA Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # 16C6KA
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER Description
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

16C6KA Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button 16C6KA Datasheet HTML 35Page - Renesas Technology Corp 16C6KA Datasheet HTML 36Page - Renesas Technology Corp 16C6KA Datasheet HTML 37Page - Renesas Technology Corp 16C6KA Datasheet HTML 38Page - Renesas Technology Corp 16C6KA Datasheet HTML 39Page - Renesas Technology Corp 16C6KA Datasheet HTML 40Page - Renesas Technology Corp 16C6KA Datasheet HTML 41Page - Renesas Technology Corp 16C6KA Datasheet HTML 42Page - Renesas Technology Corp 16C6KA Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 268 page
background image
M16C/6KA Group
Rev.1.00
Jul 16, 2004
page 39 of 266
REJ03B0100-0100Z
Software Interrupts
A software interrupt occurs when executing certain instructions. Software interrupts are non-maskable inter-
rupts.
• Undefined instruction interrupt
An undefined instruction interrupt occurs when executing the UND instruction.
• Overflow interrupt
An overflow interrupt occurs when executing the INTO instruction with the overflow flag (O flag) set to “1”.
The following are instructions whose O flag changes by arithmetic:
ABS, ADC, ADCF, ADD, CMP, DIV, DIVU, DIVX, NEG, RMPA, SBB, SHA, SUB
• BRK interrupt
A BRK interrupt occurs when executing the BRK instruction.
• INT interrupt
An INT interrupt occurs when assigning one of software interrupt numbers 0 through 63 and executing the
INT instruction. Software interrupt numbers 0 through 52 are assigned to peripheral I/O interrupts, so ex-
ecuting the INT instruction allows executing the same interrupt routine that a peripheral I/O interrupt does.
The stack pointer (SP) used for the INT interrupt is dependent on which software interrupt number is in-
volved.
So far as software interrupt numbers 0 through 31 are concerned, the microcomputer saves the stack pointer
assignment flag (U flag) when it accepts an interrupt request. If change the U flag to “0” and select the
interrupt stack pointer (ISP), and then execute an interrupt sequence. When returning from the interrupt
routine, the U flag is returned to the state it was before the acceptance of interrupt request. So far as
software numbers 32 through 63 are concerned, the stack pointer does not make a shift.
Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com