Electronic Components Datasheet Search
  English  ▼

X  

16C6KA Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 16C6KA
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER Description
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

16C6KA Datasheet(HTML) 1 Page - Renesas Technology Corp

  16C6KA Datasheet HTML 1Page - Renesas Technology Corp 16C6KA Datasheet HTML 2Page - Renesas Technology Corp 16C6KA Datasheet HTML 3Page - Renesas Technology Corp 16C6KA Datasheet HTML 4Page - Renesas Technology Corp 16C6KA Datasheet HTML 5Page - Renesas Technology Corp 16C6KA Datasheet HTML 6Page - Renesas Technology Corp 16C6KA Datasheet HTML 7Page - Renesas Technology Corp 16C6KA Datasheet HTML 8Page - Renesas Technology Corp 16C6KA Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 268 page
background image
Rev.1.00
Jul 16, 2004
page 1 of 266
REJ03B0100-0100Z
M16C/6KA Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Description
REJ03B0100-0100Z
Rev.1.00
Jul 16, 2004
Description
The M16C/6KA group of single-chip microcomputers are built using the high-performance silicon gate
CMOS process using a M16C/60 Series CPU core and are packaged in a 144-pin plastic molded QFP.
These single-chip microcomputers operate using sophisticated instructions featuring a high level of instruc-
tion efficiency. To communicate with host CPU, the LPC bus interface is built in. In this way, this MCU can
work as slave controller in the personal computer system.
Features
• Memory capacity ........................................ ROM 128K bytes
RAM 5K bytes
• The Min. time of instruction execution ....... 62.5ns (f(XIN)=16MHz, with 0 wait, Vcc=3.3V)
• Supply voltage ........................................... 3.0 to 3.6V (f(XIN)=16MHZ with 0 wait)
• Supply voltage for Program/Erase ............. 3.0 to 3.6V
(CPU reprogram mode 0, Internal clock=8MHZ with 1 wait)
(CPU reprogram mode 1, Internal clock=4MHZ with 1 wait)
• Low power consumption ............................ 52.8mW ( f(XIN)=16MHZ, with 0 wait, VCC = 3.3V)
• Interrupts .................................................... 32 internal and 16 external interrupt sources, 4 software
interrupt sources; 7 levels (including key input interrupt)
• Key input interrupts ...................................... 2 (8 inputs shared with 1 interrupt request X 1;
8 inputs (with event latch) shared with1 interrupt request X 1)
• Multifunction 16-bit timer ............................ 5 output timers + 6 input timers
• Serial I/O (Serial interface) ........................ 3 channels (1 for UART or clock synchronous, 2 for clock synchronous)
• Host interface ............................................. LPC bus interface X 4
• A-D converter (A/D converter) ................... 10 bits X 8 channels (Expandable up to 10 channels)
• PWM .......................................................... 8 bits X 6 channels
• Watchdog timer .......................................... 1
• I2C bus interface ........................................ 3 channels
• PS/2 interface ............................................ 3 channels
• Serial interrupt output ................................ 6 factors (2 fixed factors, 4 programmable factors)
• Programmable I/O ..................................... 129
• Input port ....................................................
_______
1 (P85 shared with NMI pin)
• Clock generating circuit ............................. 1 built-in clock generation circuit
(built-in feedback resistor, and external ceramic)
Applications
Notebook PC, others
Specifications written in this manual
are believed to be accurate, but are
not guaranteed to be entirely free of
error.
Specifications in this data sheet may
be changed for functional or perfor-
mance improvements. Please make
sure your manual is the latest edition.


Similar Part No. - 16C6KA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
16C62P RENESAS-16C62P Datasheet
1Mb / 101P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Microchip Technology
16C62X MICROCHIP-16C62X Datasheet
645Kb / 108P
EPROM-Based 8-Bit CMOS Microcontroller
1998
logo
Renesas Technology Corp
16C6N4 RENESAS-16C6N4 Datasheet
687Kb / 92P
Renesas MCU
16C6N5 RENESAS-16C6N5 Datasheet
677Kb / 88P
Renesas MCU
16C6NK RENESAS-16C6NK Datasheet
580Kb / 84P
Renesas MCU
More results

Similar Description - 16C6KA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M30622M6P RENESAS-M30622M6P Datasheet
831Kb / 87P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Mitsubishi Electric Sem...
M30620MCN MITSUBISHI-M30620MCN Datasheet
3Mb / 246P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
R8C-16 RENESAS-R8C-16 Datasheet
623Kb / 38P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62A RENESAS-M16C62A Datasheet
3Mb / 242P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C6K9 RENESAS-M16C6K9_15 Datasheet
2Mb / 294P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER Description
M16C6KA RENESAS-M16C6KA_15 Datasheet
2Mb / 270P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER Description
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com