Electronic Components Datasheet Search
  English  ▼

X  

32C84 Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # 32C84
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C84 Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button 32C84 Datasheet HTML 72Page - Renesas Technology Corp 32C84 Datasheet HTML 73Page - Renesas Technology Corp 32C84 Datasheet HTML 74Page - Renesas Technology Corp 32C84 Datasheet HTML 75Page - Renesas Technology Corp 32C84 Datasheet HTML 76Page - Renesas Technology Corp 32C84 Datasheet HTML 77Page - Renesas Technology Corp 32C84 Datasheet HTML 78Page - Renesas Technology Corp 32C84 Datasheet HTML 79Page - Renesas Technology Corp 32C84 Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 89 page
background image
Page 76
5
8
f
o
5
0
0
2
,
8
0
.
l
u
J
1
2
.
1
.
v
e
R
5. Electrical Characteristics (M32C/84T)
VCC1=VCC2=5V
)
T
4
8
/
C
2
3
M
,
4
8
/
C
2
3
M
(
p
u
o
r
G
4
8
/
C
2
3
M
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Pn
o
i
t
i
d
n
o
C
t
n
e
m
e
r
u
s
a
e
M
d
r
a
d
n
a
t
S
t
i
n
U
.
n
i
M.
p
y
T.
x
a
M
I C
C
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
Pt
u
p
t
u
o
,
e
d
o
m
p
i
h
c
-
e
l
g
n
i
s
n
I
r
e
h
t
o
d
n
a
n
e
p
o
t
f
e
l
e
r
a
s
n
i
p
V
o
t
d
e
t
c
e
n
n
o
c
e
r
a
s
n
i
p
S
S
.
,
e
v
a
w
e
r
a
u
q
S
,
z
H
M
2
3
=
)
K
L
C
B
(
f
n
o
i
s
i
v
i
d
o
N
8
20
5A
m
z
H
k
2
3
=
)
K
L
C
B
(
f,
e
d
o
m
n
o
i
t
p
m
u
s
n
o
c
r
e
w
o
p
-
w
o
l
n
I,
M
O
R
n
o
g
n
i
n
n
u
r
m
a
r
g
o
r
P
0
3
4
µA
z
H
k
2
3
=
)
K
L
C
B
(
f,
e
d
o
m
n
o
i
t
p
m
u
s
n
o
c
r
e
w
o
p
-
w
o
l
n
I,
M
A
R
n
o
g
n
i
n
n
u
r
m
a
r
g
o
r
P
)
1
(
5
2
µA
,
e
d
o
m
t
i
a
w
n
I
,
z
H
k
2
3
=
)
K
L
C
B
(
f
5
2
=
r
p
o
TC
°
0
1
µA
,
s
p
o
t
s
k
c
o
l
c
e
li
h
W5
2
=
r
p
o
TC
°
8
.
05
µA
,
s
p
o
t
s
k
c
o
l
c
e
li
h
W5
8
=
r
p
o
TC
°
0
5
µA
:
S
E
T
O
N
.
)
d
e
p
p
o
t
s
y
r
o
m
e
m
h
s
a
l
f
(
"
1
"
o
t
r
e
t
s
i
g
e
r
0
R
M
F
e
h
t
n
i
t
i
b
P
T
S
M
F
e
h
t
g
n
i
t
t
e
s
n
e
h
w
d
e
n
i
a
t
b
o
s
i
e
u
l
a
V
.
1
Table 5.44 Electrical Characteristics (Continued)
(VCC1=VCC2=4.2 to 5.5V, VSS=0V at Topr = -40 to 85oC (T version),
f(BCLK)=32MHz unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com