Electronic Components Datasheet Search
  English  ▼

X  

32C84 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # 32C84
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C84 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button 32C84 Datasheet HTML 81Page - Renesas Technology Corp 32C84 Datasheet HTML 82Page - Renesas Technology Corp 32C84 Datasheet HTML 83Page - Renesas Technology Corp 32C84 Datasheet HTML 84Page - Renesas Technology Corp 32C84 Datasheet HTML 85Page - Renesas Technology Corp 32C84 Datasheet HTML 86Page - Renesas Technology Corp 32C84 Datasheet HTML 87Page - Renesas Technology Corp 32C84 Datasheet HTML 88Page - Renesas Technology Corp 32C84 Datasheet HTML 89Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 86 / 89 page
background image
REVISION HISTORY
Rev.
Date
Description
Page
Summary
M32C/84 Group (M32C/84, M32C/84T) Datasheet
A-1
–
New Document
Overview
2, 3
• Table 1.1 and Table 1.2 M32C/84 Group Performance Values for Shortest
Instruction Execution Time and Power Consumption” modified
5
• Figure 1.2 ROM/RAM Capacity Products added
• Table 1.3 M32C/84 Group Products added
6
• Figure 1.3 Product Numbering System 128-Kbytes added to ROM capacity
Memory
23
• Figure 3.1 Memory Map Diagram modified; products added
SFR
24
• “Values after RESET” for the PM1, PM2, D4INT, G0IRF, G1IRF, IDB0 to IDB1,
TA0MR to TA4MR, TCSPR, DM0SL to DM3SL registers revised
• The IPSA register added to address 017916
•
NOTES added to the PM0 and TCSPR register
Electrical Characteristics
44
• Newly added
Electrical Characteristics
50
• Table 5.6 Flash Memory Version Electrical Characteristics Note 4 revised
57
• Figure 5.2 VCC1=VCC2=5V Timing Diagram (1) Notes 1 and 2 revised
68
• Figure 5.3 VCC1=VCC2=5V Timing Diagram (2) Notes 1, 2, and 3 revised
68
• Figure 5.6 VCC1=VCC2=3.3V Timing Diagram (1) Notes 1, 2, and 3 revised
69
• Figure 5.7 VCC1=VCC2=3.3V Timing Diagram (2) Notes 1 and 2 revised
Overview
2, 3
•Table 1.1 and 1.2 M32C/84 Group Performance Values for Power Consump-
tion modified
Electrical Characteristics
48
• Table 5.3 Electrical Characteristics Maximum values for Power Supply Cur-
rent modified
50
• Table 5.6 Flash Memory Version Electrical Characteristics Note 1. 100-cycle
Products (D3, D5, U3, U5) deleted; Note 4 modified
• Table 5.7 Flash Memory Version Program and Erase Voltage and Read Op-
eration Voltage Characteristics (at Topr=0 to 60
°C) deleted
61
• Table 5.22 Electrical Characteristics Maximum values for Power Supply Con-
sumption modified and standard values when “Topr=85
°C while clock is stopped”
deleted
0.40 Sep. 30, 2003
0.50 Feb. 05, 2004
0.51 Feb. 09, 2004
0.52 Mar.12, 2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com