Electronic Components Datasheet Search
  English  ▼

X  

32C84 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # 32C84
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C84 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button 32C84 Datasheet HTML 29Page - Renesas Technology Corp 32C84 Datasheet HTML 30Page - Renesas Technology Corp 32C84 Datasheet HTML 31Page - Renesas Technology Corp 32C84 Datasheet HTML 32Page - Renesas Technology Corp 32C84 Datasheet HTML 33Page - Renesas Technology Corp 32C84 Datasheet HTML 34Page - Renesas Technology Corp 32C84 Datasheet HTML 35Page - Renesas Technology Corp 32C84 Datasheet HTML 36Page - Renesas Technology Corp 32C84 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 89 page
background image
Page 33
5
8
f
o
5
0
0
2
,
8
0
.
l
u
J
1
2
.
1
.
v
e
R
4. Special Function Registers (SFR)
)
T
4
8
/
C
2
3
M
,
4
8
/
C
2
3
M
(
p
u
o
r
G
4
8
/
C
2
3
M
Address
Register
Symbol
Value after RESET
CAN0 Message Slot 9 Control Register /
C0MCTL9/
0000 00002(2)
023916
CAN0 Local Mask Register B Standard ID1
C0LMBR1
XX00 00002(2)
CAN0 Message Slot 10 Control Register /
C0MCTL10/
0000 00002(2)
023A16
CAN0 Local Mask Register B Extended ID0
C0LMBR2
XXXX 00002(2)
CAN0 Message Slot 11 Control Register /
C0MCTL11/
0016(2)
023B16
CAN0 Local Mask Register B Extended ID1
C0LMBR3
0016(2)
CAN0 Message Slot 12 Control Register /
C0MCTL12/
0000 00002(2)
023C16
CAN0 Local Mask Register B Extended ID2
C0LMBR4
XX00 00002(2)
023D16
CAN0 Message Slot 13 Control Register
C0MCTL13
0016(2)
023E16
CAN0 Message Slot 14 Control Register
C0MCTL14
0016(2)
023F16
CAN0 Message Slot 15 Control Register
C0MCTL15
0016(2)
024016
CAN0 Slot Buffer Select Register
C0SBS
0016(2)
024116
CAN0 Control Register 1
C0CTLR1
X000 00XX2(2)
024216
CAN0 Sleep Control Register
C0SLPR
XXXX XXX02
024316
024416
0016(2)
CAN0 Acceptance Filter Support Register
C0AFS
024516
0116(2)
024616
024716
024816
024916
024A16
024B16
024C16
024D16
024E16
024F16
025016
025116
025216
025316
025416
025516
025616
025716
025816
025916
025A16
025B16
025C16
025D16
to
02BF16
X: Indeterminate
Blank spaces are reserved. No access is allowed.
NOTES:
1. The BANKSEL bit in the C0CTLR1 register switches functions for addresses 022016 to 023F16.
2. Values are obtained by setting the SLEEP bit in the C0SLPR register to "1" (sleep mode exited) after reset and
supplying the clock to the CAN module.
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com