Electronic Components Datasheet Search
  English  ▼

X  

32C86 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # 32C86
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C86 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button 32C86 Datasheet HTML 14Page - Renesas Technology Corp 32C86 Datasheet HTML 15Page - Renesas Technology Corp 32C86 Datasheet HTML 16Page - Renesas Technology Corp 32C86 Datasheet HTML 17Page - Renesas Technology Corp 32C86 Datasheet HTML 18Page - Renesas Technology Corp 32C86 Datasheet HTML 19Page - Renesas Technology Corp 32C86 Datasheet HTML 20Page - Renesas Technology Corp 32C86 Datasheet HTML 21Page - Renesas Technology Corp 32C86 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 69 page
background image
Page 18
4. Special Function Registers (SFR)
7
6
f
o
5
0
0
2
,
9
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
8
4
0
0
B
3
0
J
E
R
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Address
Register
Symbol
Value after RESET
003016
003116
003216
003316
003416
003516
003616
003716
003816
003916
Address Match Interrupt Register 6
RMAD6
00000016
003A16
003B16
003C16
003D16
Address Match Interrupt Register 7
RMAD7
00000016
003E16
003F16
004016
004116
004216
004316
004416
004516
004616
004716
004816
External Space Wait Control Register 0(1)
EWCR0
X0X0 00112
004916
External Space Wait Control Register 1(1)
EWCR1
X0X0 00112
004A16
External Space Wait Control Register 2(1)
EWCR2
X0X0 00112
004B16
External Space Wait Control Register 3(1)
EWCR3
X0X0 00112
004C16
004D16
004E16
004F16
005016
005116
005216
005316
005416
005516
Flash Memory Control Register 1
FMR1
0000 01012
005616
005716
Flash Memory Control Register 0
FMR0
0000 00012
005816
005916
005A16
005B16
005C16
005D16
005E16
005F16
X: Indeterminate
Blank spaces are reserved. No access is allowed.
NOTES:
1. These registers cannot be used in M32C/86T.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com