Electronic Components Datasheet Search
  English  ▼

X  

32C86 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # 32C86
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C86 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button 32C86 Datasheet HTML 24Page - Renesas Technology Corp 32C86 Datasheet HTML 25Page - Renesas Technology Corp 32C86 Datasheet HTML 26Page - Renesas Technology Corp 32C86 Datasheet HTML 27Page - Renesas Technology Corp 32C86 Datasheet HTML 28Page - Renesas Technology Corp 32C86 Datasheet HTML 29Page - Renesas Technology Corp 32C86 Datasheet HTML 30Page - Renesas Technology Corp 32C86 Datasheet HTML 31Page - Renesas Technology Corp 32C86 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 69 page
background image
Page 28
4. Special Function Registers (SFR)
7
6
f
o
5
0
0
2
,
9
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
8
4
0
0
B
3
0
J
E
R
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Address
Register
Symbol
Value after RESET
026016
CAN1 Message Slot Buffer 0 Standard ID0
C1SLOT0_0
XX16
026116
CAN1 Message Slot Buffer 0 Standard ID1
C1SLOT0_1
XX16
026216
CAN1 Message Slot Buffer 0 Extended ID0
C1SLOT0_2
XX16
026316
CAN1 Message Slot Buffer 0 Extended ID1
C1SLOT0_3
XX16
026416
CAN1 Message Slot Buffer 0 Extended ID2
C1SLOT0_4
XX16
026516
CAN1 Message Slot Buffer 0 Data Length Code
C1SLOT0_5
XX16
026616
CAN1 Message Slot Buffer 0 Data 0
C1SLOT0_6
XX16
026716
CAN1 Message Slot Buffer 0 Data 1
C1SLOT0_7
XX16
026816
CAN1 Message Slot Buffer 0 Data 2
C1SLOT0_8
XX16
026916
CAN1 Message Slot Buffer 0 Data 3
C1SLOT0_9
XX16
026A16
CAN1 Message Slot Buffer 0 Data 4
C1SLOT0_10
XX16
026B16
CAN1 Message Slot Buffer 0 Data 5
C1SLOT0_11
XX16
026C16
CAN1 Message Slot Buffer 0 Data 6
C1SLOT0_12
XX16
026D16
CAN1 Message Slot Buffer 0 Data 7
C1SLOT0_13
XX16
026E16
CAN1 Message Slot Buffer 0 Time Stamp High-Order
C1SLOT0_14
XX16
026F16
CAN1 Message Slot Buffer 0 Time Stamp Low-Order
C1SLOT0_15
XX16
027016
CAN1 Message Slot Buffer 1 Standard ID0
C1SLOT1_0
XX16
027116
CAN1 Message Slot Buffer 1 Standard ID1
C1SLOT1_1
XX16
027216
CAN1 Message Slot Buffer 1 Extended ID0
C1SLOT1_2
XX16
027316
CAN1 Message Slot Buffer 1 Extended ID1
C1SLOT1_3
XX16
027416
CAN1 Message Slot Buffer 1 Extended ID2
C1SLOT1_4
XX16
027516
CAN1 Message Slot Buffer 1 Data Length Code
C1SLOT1_5
XX16
027616
CAN1 Message Slot Buffer 1 Data 0
C1SLOT1_6
XX16
027716
CAN1 Message Slot Buffer 1 Data 1
C1SLOT1_7
XX16
027816
CAN1 Message Slot Buffer 1 Data 2
C1SLOT1_8
XX16
027916
CAN1 Message Slot Buffer 1 Data 3
C1SLOT1_9
XX16
027A16
CAN1 Message Slot Buffer 1 Data 4
C1SLOT1_10
XX16
027B16
CAN1 Message Slot Buffer 1 Data 5
C1SLOT1_11
XX16
027C16
CAN1 Message Slot Buffer 1 Data 6
C1SLOT1_12
XX16
027D16
CAN1 Message Slot Buffer 1 Data 7
C1SLOT1_13
XX16
027E16
CAN1 Message Slot Buffer 1 Time Stamp High-Order
C1SLOT1_14
XX16
027F16
CAN1 Message Slot Buffer 1 Time Stamp Low-Order
C1SLOT1_15
XX16
028016
XX01 0X012(1)
CAN1 Control Register 0
C1CTLR0
028116
XXXX 00002(1)
028216
0000 00002(1)
CAN1 Status Register
C1STR
028316
X000 0X012(1)
028416
0016(1)
CAN1 Extended ID Register
C1IDR
028516
0016(1)
028616
0000 XXXX2(1)
CAN1 Configuration Register
C1CONR
028716
0000 00002(1)
028816
0016(1)
CAN1 Time Stamp Register
C1TSR
028916
0016(1)
028A16
CAN1 Transmit Error Count Register
C1TEC
0016(1)
028B16
CAN1 Receive Error Count Register
C1REC
0016(1)
028C16
0016(1)
CAN1 Slot Interrupt Status Register
C1SISTR
028D16
0016(1)
028E16
028F16
X: Indeterminate
Blank spaces are reserved. No access is allowed.
NOTES:
1. Values are obtained by setting the SLEEP bit in the C1SLPR register to "1" (sleep mode exited) after reset and
supplying the clock to the CAN module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com