Electronic Components Datasheet Search
  English  ▼

X  

32C86 Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # 32C86
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C86 Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button 32C86 Datasheet HTML 26Page - Renesas Technology Corp 32C86 Datasheet HTML 27Page - Renesas Technology Corp 32C86 Datasheet HTML 28Page - Renesas Technology Corp 32C86 Datasheet HTML 29Page - Renesas Technology Corp 32C86 Datasheet HTML 30Page - Renesas Technology Corp 32C86 Datasheet HTML 31Page - Renesas Technology Corp 32C86 Datasheet HTML 32Page - Renesas Technology Corp 32C86 Datasheet HTML 33Page - Renesas Technology Corp 32C86 Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 69 page
background image
Page 30
4. Special Function Registers (SFR)
7
6
f
o
5
0
0
2
,
9
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
8
4
0
0
B
3
0
J
E
R
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Address
Register
Symbol
Value after RESET
CAN1 Message Slot 10 Control Register /
C1MCTL10/
0000 00002(2)
02BA16
CAN1 Local Mask Register B Extended ID0
C1LMBR2
XXXX 00002(2)
CAN1 Message Slot 11 Control Register /
C1MCTL11/
0016(2)
02BB16
CAN1 Local Mask Register B Extended ID1
C1LMBR3
0016(2)
CAN1 Message Slot 12 Control Register /
C1MCTL12/
0000 00002(2)
02BC16
CAN1 Local Mask Register B Extended ID2
C1LMBR4
XX00 00002(2)
02BD16
CAN1 Message Slot 13 Control Register
C1MCTL13
0016(2)
02BE16
CAN1 Message Slot 14 Control Register
C1MCTL14
0016(2)
02BF16
CAN1 Message Slot 15 Control Register
C1MCTL15
0016(2)
02C016
XX16
X0 Register Y0 Register
X0R,Y0R
02C116
XX16
02C216
XX16
X1 Register Y1 Register
X1R,Y1R
02C316
XX16
02C416
XX16
X2 Register Y2 Register
X2R,Y2R
02C516
XX16
02C616
XX16
X3 Register Y3 Register
X3R,Y3R
02C716
XX16
02C816
XX16
X4 Register Y4 Register
X4R,Y4R
02C916
XX16
02CA16
XX16
X5 Register Y5 Register
X5R,Y5R
02CB16
XX16
02CC16
XX16
X6 Register Y6 Register
X6R,Y6R
02CD16
XX16
02CE16
XX16
X7 Register Y7 Register
X7R,Y7R
02CF16
XX16
02D016
XX16
X8 Register Y8 Register
X8R,Y8R
02D116
XX16
02D216
XX16
X9 Register Y9 Register
X9R,Y9R
02D316
XX16
02D416
XX16
X10 Register Y10 Register
X10R,Y10R
02D516
XX16
02D616
XX16
X11 Register Y11 Register
X11R,Y11R
02D716
XX16
02D816
XX16
X12 Register Y12 Register
X12R,Y12R
02D916
XX16
02DA16
XX16
X13 Register Y13 Register
X13R,Y13R
02DB16
XX16
02DC16
XX16
X14 Register Y14 Register
X14R,Y14R
02DD16
XX16
02DE16
XX16
X15 Register Y15 Register
X15R,Y15R
02DF16
XX16
X: Indeterminate
Blank spaces are reserved. No access is allowed.
NOTES:
1. The BANKSEL bit in the C1CTLR1 register switches functions for addresses 02A016 to 02BF16.
2. Values are obtained by setting the SLEEP bit in the C1SLPR register to "1" (sleep mode exited) after reset and
applying the clock to the CAN module.
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com