Electronic Components Datasheet Search
  English  ▼

X  

2SC4784 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SC4784
Description  Silicon NPN Epitaxial
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4784 Datasheet(HTML) 6 Page - Renesas Technology Corp

  2SC4784 Datasheet HTML 1Page - Renesas Technology Corp 2SC4784 Datasheet HTML 2Page - Renesas Technology Corp 2SC4784 Datasheet HTML 3Page - Renesas Technology Corp 2SC4784 Datasheet HTML 4Page - Renesas Technology Corp 2SC4784 Datasheet HTML 5Page - Renesas Technology Corp 2SC4784 Datasheet HTML 6Page - Renesas Technology Corp 2SC4784 Datasheet HTML 7Page - Renesas Technology Corp 2SC4784 Datasheet HTML 8Page - Renesas Technology Corp 2SC4784 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
2SC4784
Rev.3.00 Aug 10, 2005 page 6 of 8
S Parameter
(VCE = 5 V, IC = 5 mA, ZO = 50
Ω, Emitter Common)
Freq.
S11
S21
S12
S22
(MHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
100
0.850
–17.1
13.203
164.8
0.018
80.4
0.965
–10.5
200
0.781
–33.0
12.116
151.3
0.035
72.0
0.898
–19.9
300
0.689
–47.5
10.894
139.0
0.049
65.9
0.815
–27.5
400
0.598
–58.8
9.620
129.5
0.060
62.2
0.735
–32.8
500
0.523
–69.4
8.489
121.6
0.069
59.5
0.667
–36.4
600
0.450
–78.8
7.534
115.1
0.076
57.9
0.610
–38.9
700
0.394
–87.1
6.760
109.9
0.083
57.1
0.563
–40.6
800
0.348
–95.3
6.129
105.1
0.088
57.0
0.523
–42.1
900
0.306
–102.7
5.550
100.7
0.095
56.6
0.493
–42.7
1000
0.278
–109.3
5.113
97.4
0.101
56.8
0.467
–43.5
1100
0.243
–117.8
4.716
94.0
0.107
57.0
0.445
–44.2
1200
0.219
–125.4
4.342
91.0
0.113
56.8
0.428
–44.3
1300
0.203
–132.4
4.057
88.5
0.118
57.1
0.416
–45.1
1400
0.190
–143.7
3.804
85.9
0.124
57.4
0.401
–45.5
1500
0.167
–153.7
3.580
83.8
0.130
57.5
0.390
–45.9
1600
0.171
–163.2
3.391
81.1
0.136
57.8
0.380
–46.6
1700
0.161
–172.5
3.207
79.2
0.143
57.7
0.371
–47.0
1800
0.160
178.6
3.051
77.1
0.149
57.3
0.364
–47.6
1900
0.167
169.4
2.921
75.0
0.155
57.6
0.356
–48.3
2000
0.170
161.4
2.788
73.1
0.161
57.5
0.349
–48.9
S Parameter
(VCE = 5 V, IC = 10 mA, ZO = 50
Ω, Emitter Common)
Freq.
S11
S21
S12
S22
(MHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
100
0.730
–25.1
20.636
158.3
0.017
77.3
0.929
–15.0
200
0.622
–46.7
17.551
140.7
0.031
69.3
0.808
–26.3
300
0.508
–64.4
14.512
127.1
0.041
64.0
0.689
–33.0
400
0.417
–77.8
12.064
118.0
0.049
62.8
0.600
–36.8
500
0.349
–89.5
10.223
111.0
0.057
62.1
0.534
–38.7
600
0.295
–100.6
8.803
105.3
0.064
62.1
0.487
–39.2
700
0.256
–110.7
7.735
101.0
0.070
62.9
0.451
–39.3
800
0.223
–120.6
6.899
97.1
0.077
63.4
0.423
–39.6
900
0.195
–129.7
6.178
93.5
0.084
63.6
0.403
–39.4
1000
0.183
–140.7
5.644
90.7
0.091
63.8
0.385
–39.5
1100
0.173
–151.8
5.167
88.0
0.098
64.3
0.372
–39.6
1200
0.154
–160.4
4.743
85.5
0.105
64.6
0.361
–39.6
1300
0.158
–171.4
4.423
83.5
0.112
64.5
0.353
–40.0
1400
0.158
177.6
4.121
81.4
0.119
64.8
0.345
–40.3
1500
0.157
165.9
3.866
79.1
0.126
64.7
0.338
–40.6
1600
0.165
160.7
3.648
77.0
0.133
64.2
0.332
–41.0
1700
0.172
154.4
3.460
75.1
0.141
64.1
0.327
–41.8
1800
0.176
147.9
3.277
73.7
0.148
63.9
0.321
–42.3
1900
0.187
140.9
3.129
71.6
0.155
63.7
0.317
–42.8
2000
0.194
136.0
2.982
69.8
0.162
63.2
0.312
–43.5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com