Electronic Components Datasheet Search
  English  ▼

X  

2SC4784 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 2SC4784
Description  Silicon NPN Epitaxial
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4784 Datasheet(HTML) 7 Page - Renesas Technology Corp

  2SC4784 Datasheet HTML 1Page - Renesas Technology Corp 2SC4784 Datasheet HTML 2Page - Renesas Technology Corp 2SC4784 Datasheet HTML 3Page - Renesas Technology Corp 2SC4784 Datasheet HTML 4Page - Renesas Technology Corp 2SC4784 Datasheet HTML 5Page - Renesas Technology Corp 2SC4784 Datasheet HTML 6Page - Renesas Technology Corp 2SC4784 Datasheet HTML 7Page - Renesas Technology Corp 2SC4784 Datasheet HTML 8Page - Renesas Technology Corp 2SC4784 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
2SC4784
Rev.3.00 Aug 10, 2005 page 7 of 8
S Parameter
(VCE = 1 V, IC = 0.5 mA, ZO = 50
Ω, Emitter Common)
Freq.
S11
S21
S12
S22
(MHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
100
0.983
–6.8
1.755
173.2
0.027
84.6
0.995
–4.5
200
0.975
–13.4
1.721
166.6
0.055
79.9
0.987
–8.8
300
0.957
–20.2
1.722
159.4
0.082
75.0
0.974
–13.3
400
0.933
–26.9
1.706
152.9
0.107
70.6
0.956
–17.7
500
0.910
–33.2
1.629
146.3
0.130
66.2
0.937
–21.4
600
0.879
–39.5
1.597
139.8
0.151
61.9
0.913
–25.4
700
0.845
–45.8
1.553
134.0
0.170
58.1
0.890
–28.9
800
0.804
–51.4
1.528
128.1
0.187
54.4
0.862
–32.4
900
0.778
–57.3
1.475
122.6
0.203
51.1
0.838
–35.2
1000
0.739
–62.9
1.432
117.8
0.215
47.6
0.813
–38.4
1100
0.706
–68.6
1.392
112.7
0.227
44.9
0.790
–41.1
1200
0.671
–73.0
1.317
107.8
0.237
42.1
0.767
–43.5
1300
0.643
–78.5
1.286
104.8
0.245
39.7
0.745
–46.1
1400
0.609
–84.4
1.261
100.0
0.252
37.3
0.723
–48.5
1500
0.573
–88.6
1.215
96.4
0.258
35.3
0.702
–50.4
1600
0.553
–94.4
1.186
92.6
0.263
33.1
0.683
–52.6
1700
0.531
–100.1
1.158
88.8
0.267
31.1
0.667
–54.5
1800
0.516
–103.8
1.128
85.7
0.272
29.1
0.650
–56.5
1900
0.485
–109.6
1.098
82.5
0.273
27.7
0.634
–58.4
2000
0.466
–114.5
1.070
78.9
0.275
26.1
0.619
–60.3
S Parameter
(VCE = 1 V, IC = 1 mA, ZO = 50
Ω, Emitter Common)
Freq.
S11
S21
S12
S22
(MHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
100
0.962
–8.8
3.376
172.0
0.027
83.7
0.991
–5.9
200
0.950
–17.5
3.268
164.5
0.054
78.2
0.975
–11.4
300
0.919
–26.2
3.223
156.2
0.080
72.6
0.951
–17.2
400
0.885
–33.8
3.139
148.7
0.102
67.2
0.920
–22.4
500
0.839
–41.8
2.969
141.8
0.123
62.2
0.887
–26.8
600
0.797
–49.5
2.833
135.1
0.141
58.1
0.851
–31.2
700
0.748
–56.3
2.699
129.2
0.157
54.5
0.815
–35.1
800
0.701
–63.3
2.611
123.2
0.169
51.1
0.776
–38.7
900
0.664
–69.9
2.473
117.9
0.181
47.9
0.743
–41.8
1000
0.625
–75.7
2.363
113.1
0.190
45.2
0.710
–44.7
1100
0.577
–82.3
2.254
108.3
0.198
43.0
0.680
–47.3
1200
0.545
–87.7
2.109
104.2
0.205
40.7
0.655
–49.3
1300
0.515
–93.8
2.011
101.3
0.210
39.1
0.633
–51.8
1400
0.475
–100.5
1.946
97.0
0.215
37.5
0.606
–54.0
1500
0.446
–105.5
1.863
93.7
0.219
36.2
0.584
–55.7
1600
0.421
–111.6
1.800
90.1
0.222
34.6
0.563
–57.7
1700
0.403
–117.9
1.732
87.2
0.225
33.7
0.545
–59.2
1800
0.387
–122.1
1.663
84.4
0.229
32.2
0.528
–60.9
1900
0.366
–129.0
1.614
81.6
0.230
31.7
0.512
–62.7
2000
0.354
–135.7
1.554
78.6
0.232
31.0
0.498
–64.1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com