Electronic Components Datasheet Search
  English  ▼

X  

2SC4784 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC4784
Description  Silicon NPN Epitaxial
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4784 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC4784 Datasheet HTML 1Page - Renesas Technology Corp 2SC4784 Datasheet HTML 2Page - Renesas Technology Corp 2SC4784 Datasheet HTML 3Page - Renesas Technology Corp 2SC4784 Datasheet HTML 4Page - Renesas Technology Corp 2SC4784 Datasheet HTML 5Page - Renesas Technology Corp 2SC4784 Datasheet HTML 6Page - Renesas Technology Corp 2SC4784 Datasheet HTML 7Page - Renesas Technology Corp 2SC4784 Datasheet HTML 8Page - Renesas Technology Corp 2SC4784 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2SC4784
Rev.3.00 Aug 10, 2005 page 3 of 8
Main Characteristics
0
50
100
150
Ambient Temperature Ta (°C)
Maximum Collector Dissipation Curve
120
100
80
60
40
20
200
160
120
80
40
0
0.1
Collector Current IC (mA)
DC Current Transfer Ratio
vs. Collector Current
0.2
0.5 1
2
5
10 20
50
V
= 5V
CE
V
= 1V
CE
12
12
5
10
20
50
Collector Current IC (mA)
Gain Bandwidth Product
vs. Collector Current
10
8
6
4
2
0
V
= 5 V
CE
V
= 1 V
CE
0.56
0.52
0.48
0.44
0.40
0.36
1
2
510
20
Collector to Base Voltage VCB (V)
Collector Output Capacitance vs.
Collector to Base Voltage
0.5
I
= 0
E
f = 1 MHz
20
16
12
8
4
0
Collector Current IC (mA)
Power Gain vs. Collector Current
0.3
13
10
30
f = 900 MHz
V
= 5V
CE
V
= 1V
CE
5
4
3
2
1
0
Collector Current IC (mA)
Noise Figure vs. Collector Current
0.3
13
10
30
f = 900 MHz
V
= 5V
CE
V
= 1V
CE



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com