Electronic Components Datasheet Search
  English  ▼

X  

2SC5758 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SC5758
Description  Silicon NPN Epitaxial VHF / UHF Wide band amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5758 Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SC5758 Datasheet HTML 1Page - Renesas Technology Corp 2SC5758 Datasheet HTML 2Page - Renesas Technology Corp 2SC5758 Datasheet HTML 3Page - Renesas Technology Corp 2SC5758 Datasheet HTML 4Page - Renesas Technology Corp 2SC5758 Datasheet HTML 5Page - Renesas Technology Corp 2SC5758 Datasheet HTML 6Page - Renesas Technology Corp 2SC5758 Datasheet HTML 7Page - Renesas Technology Corp 2SC5758 Datasheet HTML 8Page - Renesas Technology Corp 2SC5758 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
2SC5758
Rev.5.00 Aug 10, 2005 page 5 of 8
10
5
4
3
2
1.5
1
.8
–2
–3
–4
–5
–10
.6
.4
.2
0
–.2
–.4
–.6
–.8
–1
–1.5
.2
.4
.6 .8 1
2
3 4 5
1.5
10
0
°
30
°
60
°
90
°
120
°
150
°
180
°
–150
°
–90
°
–60
°
–30
°
–120
°
30
°
60
°
90
°
120
°
150
°
180
°
–150
°
–90
°
–60
°
–30
°
–120
°
10
5
4
3
2
1.5
1
.8
–2
–3
–4
–5
–10
.6
.4
.2
0
–.2
–.4
–.6
–.8
–1
–1.5
.2
.4
.6 .8 1
2
3 4 5
1.5
10
Scale: 8 / div.
Scale: 0.06 / div.
0
°
S11 Parameter vs. Frequency
S21 Parameter vs. Frequency
S12 Parameter vs. Frequency
S22 Parameter vs. Frequency
Condition: VCE = 1 V , ZO = 50
Ω
100 to 2000 MHz (100 MHz Step)
(IC = 5 mA)
(IC = 20 mA)
Condition: VCE = 1 V , ZO = 50
Ω
100 to 2000 MHz (100 MHz Step)
(IC = 5 mA)
(IC = 20 mA)
Condition: VCE = 1 V , ZO = 50
Ω
100 to 2000 MHz (100 MHz Step)
(IC = 5 mA)
(IC = 20 mA)
Condition: VCE = 1 V , ZO = 50
Ω
100 to 2000 MHz (100 MHz Step)
( IC = 5 mA)
( IC = 20 mA)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com