Electronic Components Datasheet Search
  English  ▼

X  

2SC5758 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SC5758
Description  Silicon NPN Epitaxial VHF / UHF Wide band amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5758 Datasheet(HTML) 6 Page - Renesas Technology Corp

  2SC5758 Datasheet HTML 1Page - Renesas Technology Corp 2SC5758 Datasheet HTML 2Page - Renesas Technology Corp 2SC5758 Datasheet HTML 3Page - Renesas Technology Corp 2SC5758 Datasheet HTML 4Page - Renesas Technology Corp 2SC5758 Datasheet HTML 5Page - Renesas Technology Corp 2SC5758 Datasheet HTML 6Page - Renesas Technology Corp 2SC5758 Datasheet HTML 7Page - Renesas Technology Corp 2SC5758 Datasheet HTML 8Page - Renesas Technology Corp 2SC5758 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
2SC5758
Rev.5.00 Aug 10, 2005 page 6 of 8
Sparameter
(VCE = 1V, IC = 5mA, Zo = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.806
–31.9
14.60
157.6
0.038
72.8
0.901
–24.3
200
0.713
–61.5
12.31
138.9
0.067
59.5
0.757
–44.8
300
0.635
–85.3
10.02
125.3
0.085
51.3
0.610
–60.1
400
0.560
–102.7
8.22
115.4
0.096
47.2
0.501
–70.9
500
0.529
–117.1
6.94
108.4
0.104
45.5
0.421
–79.8
600
0.500
–127.8
5.97
103.1
0.111
44.6
0.360
–87.2
700
0.486
–137.2
5.20
98.6
0.117
44.8
0.314
–93.1
800
0.474
–144.1
4.65
94.6
0.123
45.7
0.278
–99.7
900
0.467
–151.1
4.14
91.7
0.129
46.7
0.249
–105.1
1000
0.466
–157.1
3.77
88.4
0.135
47.7
0.226
–110.9
1100
0.461
–162.4
3.45
85.9
0.141
48.6
0.208
–116.0
1200
0.464
–166.1
3.19
83.4
0.147
49.7
0.194
–121.4
1300
0.464
–169.9
2.99
81.3
0.153
51.0
0.181
–127.1
1400
0.467
–173.8
2.78
79.1
0.159
51.8
0.172
–131.7
1500
0.465
–177.2
2.62
77.3
0.166
53.0
0.165
–137.5
1600
0.476
179.9
2.46
75.2
0.174
53.8
0.159
–141.6
1700
0.480
177.4
2.36
73.4
0.180
54.7
0.155
–147.4
1800
0.480
173.4
2.24
71.8
0.187
55.6
0.154
–152.9
1900
0.490
172.0
2.14
70.2
0.195
56.5
0.154
–157.6
2000
0.487
169.3
2.06
68.6
0.202
57.0
0.153
–162.5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com