Electronic Components Datasheet Search
  English  ▼

X  

2SC5758 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 2SC5758
Description  Silicon NPN Epitaxial VHF / UHF Wide band amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5758 Datasheet(HTML) 7 Page - Renesas Technology Corp

  2SC5758 Datasheet HTML 1Page - Renesas Technology Corp 2SC5758 Datasheet HTML 2Page - Renesas Technology Corp 2SC5758 Datasheet HTML 3Page - Renesas Technology Corp 2SC5758 Datasheet HTML 4Page - Renesas Technology Corp 2SC5758 Datasheet HTML 5Page - Renesas Technology Corp 2SC5758 Datasheet HTML 6Page - Renesas Technology Corp 2SC5758 Datasheet HTML 7Page - Renesas Technology Corp 2SC5758 Datasheet HTML 8Page - Renesas Technology Corp 2SC5758 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
2SC5758
Rev.5.00 Aug 10, 2005 page 7 of 8
(VCE = 1V, IC = 20mA, Zo = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.487
–78.2
31.25
138.4
0.026
64.0
0.679
–53.9
200
0.466
–120.9
20.22
117.0
0.040
57.9
0.469
–87.5
300
0.465
–141.6
14.16
106.4
0.050
58.9
0.362
–109.1
400
0.459
–154.5
10.81
100.4
0.060
61.5
0.311
–124.4
500
0.461
–161.8
8.74
96.1
0.070
63.7
0.283
–135.8
600
0.462
–168.1
7.34
92.9
0.080
65.8
0.268
–145.4
700
0.468
–172.8
6.30
90.2
0.091
67.1
0.258
–153.2
800
0.468
–176.5
5.56
87.7
0.101
68.3
0.253
–159.6
900
0.474
179.1
4.93
85.7
0.113
69.0
0.249
–165.5
1000
0.473
176.8
4.46
83.7
0.124
69.5
0.249
–170.7
1100
0.478
173.5
4.07
82.2
0.135
69.8
0.249
–175.1
1200
0.486
170.7
3.75
80.3
0.145
70.2
0.251
–179.3
1300
0.477
168.8
3.51
78.8
0.156
70.2
0.251
176.9
1400
0.493
166.3
3.26
77.2
0.167
70.1
0.254
173.5
1500
0.493
163.6
3.07
75.9
0.179
70.4
0.256
170.4
1600
0.502
161.7
2.88
74.5
0.189
70.4
0.260
167.6
1700
0.506
160.8
2.74
73.2
0.201
70.2
0.263
164.8
1800
0.511
157.7
2.62
72.0
0.211
69.8
0.268
162.1
1900
0.517
156.4
2.49
70.7
0.222
69.9
0.275
159.6
2000
0.523
154.5
2.40
69.5
0.232
69.4
0.280
157.1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com