Electronic Components Datasheet Search
  English  ▼

X  

M30624FGPFP Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # M30624FGPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30624FGPFP Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button M30624FGPFP Datasheet HTML 93Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 94Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 95Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 96Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 97Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 98Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 99Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 100Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 101Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 97 / 101 page
background image
C - 1
REVISION HISTORY
M16C/62P Group (M16C/62P, M16C/62PT) Hardware Manual
Rev.
Date
Description
Page
Summary
1.10
May 28, 2003
1
Applications are partly revised.
2
Table 1.1.1 is partly revised.
4-5
Table 1.1.2 and 1.1.3 is partly revised.
“Note 1” is partly revised.
22
23
Table 1.5.3 is partly revised.
Table 1.5.5 is partly revised.
Table 1.5.6 is added.
24
30
31
Table 1.5.9 is partly revised.
Notes 1 and 2 in Table 1.5.26 is partly revised.
Notes 1 in Table 1.5.27 is partly revised.
30-31
Note 3 is added to “Data output hold time (refers to BCLK)” in Table 1.5.26
and 1.5.27.
32
Note 4 is added to “th(ALE-AD)” in Table 1.5.28.
30-32
36-39
40-41
42
Switching Characteristics is partly revised.
th(WR-AD) and th(WR-DB) in Figure 1.5.5 to 1.5.8 is partly revised.
th(ALE-AD), th(WR-CS), th(WR-DB) and th(WR-AD) in Figure 1.5.9 to
1.5.10 is partly revised.
Note 2 is added to Table 1.5.29.
47
48
47-48
Notes 1 and 2 in Table 1.5.45 is partly revised.
Notes 1 in Table 1.5.46 is partly revised.
Note 3 is added to “Data output hold time (refers to BCLK)” in Table
1.5.45 and 1.5.46.
49
47-48
53-56
57-58
Note 4 is added to “th(ALE-AD)” in Table 1.5.47.
Switching Characteristics is partly revised.
th(WR-AD) and th(WR-DB) in Figure 1.5.15 to 1.5.18 is partly revised.
th(ALE-AD), th(WR-CS), th(WR-DB) and th(WR-AD) in Figure 1.5.19 to
1.5.20 is partly revised.
2.00
Oct 29, 2003
-
Since high reliability version is added, a group name is revised.
M16C/62 Group (M16C/62P)
→ M16C/62 Group (M16C/62P, M16C/62PT)
2-4
Table 1.1 to 1.3 are revised.
Note 3 is partly revised.
2-4
6
7-9
11
12-15
17,19
18,20
30
31-32
Table 1.1 to 1.3 are revised.
Note 3 is partly revised.
Figure 1.2 Note5 is deleted.
Table 1.4 to 1.7 Product List is partly revised.
Table 1.8 and Figure 1.4 are added.
Figure 1.5 to 1.9 ZP is added.
Table 1.10 and 1.12 ZP is added to timer A.
Table 1.11 and 1.13 VCC1 is added to VREF.
Table 5.1 is revised.
Table 5.2 and 5.3 are revised.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com