Electronic Components Datasheet Search
  English  ▼

X  

M30624FGPFP Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # M30624FGPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30624FGPFP Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button M30624FGPFP Datasheet HTML 25Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 26Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 27Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 28Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 29Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 30Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 31Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 32Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 101 page
background image
M16C/62P Group (M16C/62P, M16C/62PT)
1. Overview
Rev.2.41
Jan 10, 2006
Page 29 of 96
REJ03B0001-0241
I : Input
O : Output
I/O : Input and output
NOTES:
1. There is no external connections for port P1, P4_4 to P4_7, P7_2 to P7_5 and P9_1 in 80-pin version. Set the
direction bits in these ports to “1” (output mode), and set the output data to “0” (“L”) using the program.
Table 1.21
Pin Description (80-pin Version) (2)
Signal Name
Pin Name
I/O
Type
Power
Supply(1)
Description
Reference
voltage input
VREF
I
VCC1
Applies the reference voltage for the A/D converter and D/A
converter.
A/D converter
AN0 to AN7,
AN0_0 to
AN0_7,
AN2_0 to
AN2_7
I
VCC1
Analog input pins for the A/D converter.
ADTRG
I
VCC1
This is an A/D trigger input pin.
ANEX0
I/O
VCC1
This is the extended analog input pin for the A/D converter, and is
the output in external op-amp connection mode.
ANEX1
I
VCC1
This is the extended analog input pin for the A/D converter.
D/A converter
DA0, DA1
O
VCC1
This is the output pin for the D/A converter.
I/O port (1)
P0_0 to P0_7,
P2_0 to P2_7,
P3_0 to P3_7,
P5_0 to P5_7,
P6_0 to P6_7,
P10_0 to
P10_7
I/O
VCC1
8-bit I/O ports in CMOS, having a direction register to select an
input or output.
Each pin is set as an input port or output port. An input port can
be set for a pull-up or for no pull-up in 4-bit unit by program.
P8_0 to P8_4,
P8_6, P8_7,
P9_0,
P9_2 to P9_7
I/O
VCC1
I/O ports having equivalent functions to P0.
P4_0 to P4_3,
P7_0, P7_1,
P7_6, P7_7
I/O
VCC1
I/O ports having equivalent functions to P0.
(however, output of P7_0 and P7_1 for the N-channel open drain
output.)
Input port
P8_5
I
VCC1
Input pin for the NMI interrupt.
Pin states can be read by the P8_5 bit in the P8 register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com