| Electronic Components Datasheet Search |
|
M30624FGPFP Datasheet(PDF) 30 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M30624FGPFP Datasheet(HTML) 30 Page - Renesas Technology Corp |
|
30 / 101 page ![]() M16C/62P Group (M16C/62P, M16C/62PT) 2. Central Processing Unit (CPU) Rev.2.41 Jan 10, 2006 Page 30 of 96 REJ03B0001-0241 2. Central Processing Unit (CPU) Figure 2.1 shows the CPU registers. The CPU has 13 registers. Of these, R0, R1, R2, R3, A0, A1 and FB comprise a register bank. There are two register banks. Figure 2.1 Central Processing Unit Register 2.1 Data Registers (R0, R1, R2 and R3) The R0 register consists of 16 bits, and is used mainly for transfers and arithmetic/logic operations. R1 to R3 are the same as R0. The R0 register can be separated between high (R0H) and low (R0L) for use as two 8-bit data registers. R1H and R1L are the same as R0H and R0L. Conversely, R2 and R0 can be combined for use as a 32-bit data register (R2R0). R3R1 is the same as R2R0. Data Registers (1) Address Registers (1) Frame Base Registers (1) Program Counter Interrupt Table Register User Stack Pointer Interrupt Stack Pointer Static Base Register Flag Register NOTES: 1. These registers comprise a register bank. There are two register banks. R0H b15 b8 b7 b0 R3 INTBH USP ISP SB C D Z S B O I U IPL R0L R1H R1L R2 b31 R3 R2 A1 A0 FB b19 INTBL b15 b0 PC b19 b0 b15 b0 FLG b15 b0 b15 b0 b7 b8 Reserved Area Carry Flag Debug Flag Zero Flag Sign Flag Register Bank Select Flag Overflow Flag Interrupt Enable Flag Stack Pointer Select Flag Reserved Area Processor Interrupt Priority Level |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |