Electronic Components Datasheet Search
  English  ▼

X  

38K2 Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # 38K2
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 64Page - Renesas Technology Corp 38K2 Datasheet HTML 65Page - Renesas Technology Corp 38K2 Datasheet HTML 66Page - Renesas Technology Corp 38K2 Datasheet HTML 67Page - Renesas Technology Corp 38K2 Datasheet HTML 68Page - Renesas Technology Corp 38K2 Datasheet HTML 69Page - Renesas Technology Corp 38K2 Datasheet HTML 70Page - Renesas Technology Corp 38K2 Datasheet HTML 71Page - Renesas Technology Corp 38K2 Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 151 page
background image
38K2 Group
Rev.3.00
Oct 15, 2006
page 68 of 147
REJ03B0193-0300
Fig. 102 Structure of Downstream port control register
b7
b0
PCON1
[1:0]
PCON2
[1:0]
b7:b4
–
–
–
0
0
–
Downstream port control register (DPCTL) [address 0FF916]
00
0
0
Bit name
Bit symbol
At reset
Function
H/W
S/W
Downstream port 1 function
select bit
Downstream port 2 function
select bit
Not used
b1b0
0 0 : USB port (D1-, D1+) OFF,
USB difference amplifier OFF
0 1 : USB exclusive input port (D1-, D1+),
USB difference amplifier OFF
1 0 : Full-speed port (D1-, D1+),
USB difference amplifier ON
1 1 : Low-speed port (D1-, D1+),
USB difference amplifier ON
b3b2
0 0 : USB port (D2-, D2+) OFF,
USB difference amplifier OFF
0 1 : USB exclusive input port (D2-, D2+),
USB difference amplifier OFF
1 0 : Full-speed port (D2-, D2+),
USB difference amplifier ON
1 1 : Low-speed port (D2-, D2+),
USB difference amplifier ON
Write “0” when writing.
“0” is read when reading.
O
O
O
O
O
O
–: State remaining
W
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com