Electronic Components Datasheet Search
  English  ▼

X  

38K2 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # 38K2
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 28Page - Renesas Technology Corp 38K2 Datasheet HTML 29Page - Renesas Technology Corp 38K2 Datasheet HTML 30Page - Renesas Technology Corp 38K2 Datasheet HTML 31Page - Renesas Technology Corp 38K2 Datasheet HTML 32Page - Renesas Technology Corp 38K2 Datasheet HTML 33Page - Renesas Technology Corp 38K2 Datasheet HTML 34Page - Renesas Technology Corp 38K2 Datasheet HTML 35Page - Renesas Technology Corp 38K2 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 151 page
background image
38K2 Group
Rev.3.00
Oct 15, 2006
page 32 of 147
REJ03B0193-0300
USB Related Registers
The USB related registers are shown below.
Fig. 31 Structure of USB control register
Fig. 32 Structure of USB function/HUB enable register
b7
At reset
W
Function
Bit name
Bit symbol
b0
Remote wakeup bit
TrON output control bit
TrON output enable bit
USB reference voltage control bit
USB reference voltage enable bit
USB difference input enable bit
USB clock select bit
USB module operation enable bit
WKUP
TRONCON
TRONE
VREFCON
VREFE
USBDIFE
UCLKCON
USBE
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
–
–
–
–
–
–
–
–
0
0
0
0
0
0
0
0
USB control register (USBCON) [address 001016]
–: State remaining
0 : Returning to BUS idle state by writing “1” first and
then “0”. (Remote wakeup signal)
1 : K-state output
0 : “L” output mode (valid in TRONE = “1”)
1 : “H” output mode (valid in TRONE = “1”)
0 : TrON port output disabled (Hi-Z state)
1 : TrON port output enabled
0 : Normal mode (valid in VREFE = “1”)
1 : Low current mode (valid in VREFE = “1”)
0 : USB reference voltage circuit operation disabled
1 : USB reference voltage circuit operation enabled
0 : Upstream-port difference input circuit operation disabled
1 : Upstream--port difference input circuit operation enabled
0 : External oscillating clock f(XIN)
1 : PLL circuit output clock (fVCO)
0 : USB module reset
1 : USB module operation enabled
H/W
S/W
R
b7
Bit name
Bit symbol
b0
USB function enable bit
USB HUB enable bit
Not used
AD0E
AD1E
b7:b2
–
–
–
0
0
–
USB function/HUB enable register (USBAE) [address 001116]
0: USB function address register invalidated
1: USB function address register validated
0: USB HUB address register invalidated
1: USB HUB address register validated
Write “0” when writing.
“0” is read when reading.
At reset
Function
H/W
S/W
O
O
O
O
O
O
–: State remaining
0
0
0
000
W
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com