Electronic Components Datasheet Search
  English  ▼

X  

38K2 Datasheet(PDF) 104 Page - Renesas Technology Corp

Part # 38K2
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 104 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 100Page - Renesas Technology Corp 38K2 Datasheet HTML 101Page - Renesas Technology Corp 38K2 Datasheet HTML 102Page - Renesas Technology Corp 38K2 Datasheet HTML 103Page - Renesas Technology Corp 38K2 Datasheet HTML 104Page - Renesas Technology Corp 38K2 Datasheet HTML 105Page - Renesas Technology Corp 38K2 Datasheet HTML 106Page - Renesas Technology Corp 38K2 Datasheet HTML 107Page - Renesas Technology Corp 38K2 Datasheet HTML 108Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 151 page
background image
38K2 Group
Rev.3.00
Oct 15, 2006
page 104 of 147
REJ03B0193-0300
Software Commands
Table 10 lists the software commands.
After setting the CPU Rewrite Mode Select Bit to “1”, write a soft-
ware command to specify an erase or program operation.
Each software command is explained below.
qRead Array Command (FF16)
The read array mode is entered by writing the command code
“FF16” in the first bus cycle. When an address to be read is input in
one of the bus cycles that follow, the contents of the specified ad-
dress are read out at the data bus (D0 to D7).
The read array mode is retained intact until another command is
written.
qRead Status Register Command (7016)
When the command code “7016” is written in the first bus cycle,
the contents of the status register are read out at the data bus (D0
to D7) by a read in the second bus cycle.
The status register is explained in the next section.
qClear Status Register Command (5016)
This command is used to clear the bits SR4 and SR5 of the status
register after they have been set. These bits indicate that opera-
tion has ended in an error. To use this command, write the
command code “5016” in the first bus cycle.
qProgram Command (4016)
Program operation starts when the command code “4016” is writ-
ten in the first bus cycle. Then, if the address and data to program
are written in the 2nd bus cycle, the control circuit of flash memory
(data programming and verification) will start a program.
Whether the write operation is completed can be confirmed by
_____
reading the status register or the RY/BY Status Flag. When the
program starts, the read status register mode is entered automati-
cally and the contents of the status register is read at the data bus
(DB0 to DB7). The status register bit 7 (SR7) is set to “0” at the
same time the write operation starts and is returned to “1” upon
completion of the write operation. In this case, the read status reg-
ister mode remains active until the read array command (FF16) is
written.
Table 10 List of software commands (CPU rewrite mode)
____
During the program movement, The RY/BY Status Flag of flash
memory control register is set to “0”. When the program com-
pletes, it becomes “1”.
At program end, program results can be checked by reading the
status register.
Fig. 149 Program flowchart
Command
Program
Clear status register
Read array
Read status register
X
X
First bus cycle
Second bus cycle
FF16
7016
5016
4016
Write
Write
Write
Write
X
SRD
Read
Write
Erase all blocks
2016
Write
X
2016
Write
(Note 1)
WA (Note 2)
WD (Note 2)
Block erase
2016
Write
D016
Write
BA (Note 3)
Mode
Address
Mode
Address
Data
(D0 to D7)
(D0 to D7)
(Note 4)
Notes 1: SRD = Status Register Data
2: WA = Write Address, WD = Write Data
3: BA = Block Address to be erased (Input the maximum address of each block.)
4: X denotes a given address in the User ROM area .
Cycle number
1
2
1
2
2
2
X
X
X
X
Data
Start
Write 4016
Status register
read
Program
completed
NO
YES
Write address
Write data
SR4 = 0 ?
Program
error
NO
YES
SR7 = 1 ?
or
RY/BY = 1 ?
Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com