Electronic Components Datasheet Search
  English  ▼

X  

38K2 Datasheet(PDF) 129 Page - Renesas Technology Corp

Part # 38K2
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 129 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 125Page - Renesas Technology Corp 38K2 Datasheet HTML 126Page - Renesas Technology Corp 38K2 Datasheet HTML 127Page - Renesas Technology Corp 38K2 Datasheet HTML 128Page - Renesas Technology Corp 38K2 Datasheet HTML 129Page - Renesas Technology Corp 38K2 Datasheet HTML 130Page - Renesas Technology Corp 38K2 Datasheet HTML 131Page - Renesas Technology Corp 38K2 Datasheet HTML 132Page - Renesas Technology Corp 38K2 Datasheet HTML 133Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 151 page
background image
38K2 Group (L Ver.)
Rev.3.00
Oct 15, 2006
page 129 of 147
REJ03B0193-0300
Table 17 Recommended operating conditions (Vcc = 3.00 to 5.25 V, Vss = 0 V, Ta = –20 to 85°C, unless otherwise noted)
Recommended Operating Conditions
Symbol
Parameter
Unit
Limits
VCC
AVCC
AVCC
VREF
VREF
VSS
AVSS
VIH
VIH
VIH
VIH
VIL
VIL
VIL
VIL
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
5.25
5.25
5.25
VCC
3.6
VCC
VCC
VCCE
VCC
3.6
0.2VCC
0.2VCCE
0.2VCC
0.8
Max.
Power source voltage
VCC
System clock 12 MHz
(2-/4-/8-divide mode)
System clock 8 MHz
System clock 6 MHz
Analog power source voltage
PVCC, DVCC
Analog power source voltage
VCCE
Analog reference voltage
VREF
Analog reference voltage
USBVREF
Vcc = 3.6 to 4.0 V
Vcc = 3.0 to 3.6 V
Power source voltage
VSS
Analog power source voltage
PVSS
“H” input voltage
P00–P07, P24–P27, P50–P57,
P60–P63
“H” input voltage
P10–P17, P30–P37, P40–P43
“H” input voltage
RESET, XIN, CNVSS, CNVSS2
“H” input voltage
D0+, D0-, D1+, D1-, D2+, D2-
“L” input voltage
P00–P07, P24–P27, P50–P57,
P60–P63
“L” input voltage
P10–P17, P30–P37, P40–P43
“L” input voltage
RESET, XIN, CNVSS, CNVSS2
“L” input voltage
D0+, D0-, D1+, D1-, D2+, D2-
Typ.
5.00
5.00
5.00
VCC
VCC
0
0
4.00
4.00
3.00
2.0
3.0
3.0
0.8VCC
0.8VCCE
0.8VCC
2.0
0
0
0
0
Min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com