Electronic Components Datasheet Search
  English  ▼

X  

38K2 Datasheet(PDF) 137 Page - Renesas Technology Corp

Part # 38K2
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 137 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 133Page - Renesas Technology Corp 38K2 Datasheet HTML 134Page - Renesas Technology Corp 38K2 Datasheet HTML 135Page - Renesas Technology Corp 38K2 Datasheet HTML 136Page - Renesas Technology Corp 38K2 Datasheet HTML 137Page - Renesas Technology Corp 38K2 Datasheet HTML 138Page - Renesas Technology Corp 38K2 Datasheet HTML 139Page - Renesas Technology Corp 38K2 Datasheet HTML 140Page - Renesas Technology Corp 38K2 Datasheet HTML 141Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 151 page
background image
38K2 Group (L Ver.)
Rev.3.00
Oct 15, 2006
page 137 of 147
REJ03B0193-0300
Switching Characteristics
Table 26 Switching characteristics (1) (VCC = 4.00 to 5.25 V, VSS = 0 V, Ta = –20 to 85 °C, unless otherwise noted)
Min.
Typ.
Max.
Symbol
Parameter
Limits
Unit
tWH(SCLK)
tWL(SCLK)
td(SCLK–TxD)
tv(SCLK–TxD)
tr(SCLK)
tf(SCLK)
tr(CMOS)
tf(CMOS)
Serial I/O clock output “H” pulse width
Serial I/O clock output “L” pulse width
Serial I/O output delay time
Serial I/O output valid time
Serial I/O clock output rising time
Serial I/O clock output falling time
CMOS output rising time (Note)
CMOS output falling time (Note)
–30
Notes: Pins XOUT, D0+, D0-, D1+, D2-, D2+, D2- are excluded.
tC(SCLK)/2–30
tC(SCLK)/2–30
ns
ns
ns
ns
ns
ns
ns
ns
140
30
30
30
30
Min.
Typ.
Max.
Symbol
Parameter
Limits
Unit
tWH(SCLK)
tWL(SCLK)
td(SCLK–TxD)
tv(SCLK–TxD)
tr(SCLK)
tf(SCLK)
tr(CMOS)
tf(CMOS)
Serial I/O clock output “H” pulse width
Serial I/O clock output “L” pulse width
Serial I/O output delay time
Serial I/O output valid time
Serial I/O clock output rising time
Serial I/O clock output falling time
CMOS output rising time (Note)
CMOS output falling time (Note)
–30
Notes: Pins XOUT, D0+, D0-, D1+, D2-, D2+, D2- are excluded.
tC(SCLK)/2–50
tC(SCLK)/2–50
ns
ns
ns
ns
ns
ns
ns
ns
350
50
50
50
50
Table 27 Switching characteristics (2) (VCC = 3.00 to 4.00 V, VSS = 0 V, Ta = –20 to 85 °C, unless otherwise noted)
Fig. 168 Output switching characteristics measurement circuit
100 pF
Measured output pin
CMOS output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com