Electronic Components Datasheet Search
  English  ▼

X  

M3850 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # M3850
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3850 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button M3850 Datasheet HTML 35Page - Renesas Technology Corp M3850 Datasheet HTML 36Page - Renesas Technology Corp M3850 Datasheet HTML 37Page - Renesas Technology Corp M3850 Datasheet HTML 38Page - Renesas Technology Corp M3850 Datasheet HTML 39Page - Renesas Technology Corp M3850 Datasheet HTML 40Page - Renesas Technology Corp M3850 Datasheet HTML 41Page - Renesas Technology Corp M3850 Datasheet HTML 42Page - Renesas Technology Corp M3850 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 88 page
background image
Rev.2.10
2005.11.14
page 39 of 86
REJ03B0093-0210
3850 Group (Spec.A)
Fig. 44 Structure of MISRG
[MISRG (MISRG)] 003816
MISRG consists of three control bits (bits 1 to 3) for middle-speed
mode automatic switch and one control bit (bit 0) for oscillation
stabilizing time set after STP instruction released.
By setting the middle-speed mode automatic switch start bit to “1”
while operating in the low-speed mode and setting the middle-
speed mode automatic switch set bit to “1”, XIN oscillation
automatically starts and the mode is automatically switched to the
middle-speed mode.
Fig. 45 System clock generating circuit block diagram (Single-chip mode)
MISRG
(MISRG : address 003816)
Oscillation stabilizing time set after STP instruction
released bit
0: Automatically set “0116” to Timer 1,
“FF16” to Prescaler 12
1: Automatically set nothing
b7
b0
Note: When the mode is automatically switched from the low-speed mode to
the middle-speed mode, the value of CPU mode register (address 003B16)
changes.
Not used (return “0” when read)
Middle-speed mode automatic switch start bit
(Depending on program)
0: Invalid
1: Automatic switch start
Middle-speed mode automatic switch wait time set bit
0: 6.5 to 7.5 machine cycles
1: 4.5 to 5.5 machine cycles
Middle-speed mode automatic switch set bit
0: Not set automatically
1: Automatic switching enable
WIT instruction
STP instruction
Timing
φ (internal clock)
S
R
Q
STP instruction
S
R
Q
Main clock stop bit
S
R
Q
1/2
1/4
XIN
XOUT
XCOUT
XCIN
Interrupt request
Reset
Interrupt disable flag l
1/2
Port XC
switch bit
“1”
“0”
Low-speed mode
High-speed or
middle-speed
mode
Middle-speed mode
High-speed or
low-speed mode
Main clock division ratio
selection bits (Note 1)
Notes 1: Any one of high-speed, middle-speed or low-speed mode is selected by bits 7 and 6 of the CPU mode register.
When low-speed mode is selected, set port Xc switch bit (b4) to “1”.
2: f(XIN)/16 is supplied as the count source to the prescaler 12 at reset, the count source
before executing the STP instruction is supplied as the count source at executing STP instruction.
3: When bit 0 of MISRG = “0”, the prescaler 12 is set to "FF16" and timer 1 is set to "0116".
When bit 0 of MISRG = “1”, set the sufficient time for oscillation of used oscillator to stabilize since nothing is set to
the prescaler 12 and timer 1.
4: Although a feed-back resistor exists on-chip, an external feed-back resistor may be needed depending on conditions.
Main clock division ratio
selection bits (Note 1)
Prescaler 12
Timer 1
Reset or
STP instruction
(Note 2)
Reset
(Note 3)
Timer 12 count
source selection
bit
(Note 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com