Electronic Components Datasheet Search
  English  ▼

X  

M3850 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # M3850
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3850 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button M3850 Datasheet HTML 29Page - Renesas Technology Corp M3850 Datasheet HTML 30Page - Renesas Technology Corp M3850 Datasheet HTML 31Page - Renesas Technology Corp M3850 Datasheet HTML 32Page - Renesas Technology Corp M3850 Datasheet HTML 33Page - Renesas Technology Corp M3850 Datasheet HTML 34Page - Renesas Technology Corp M3850 Datasheet HTML 35Page - Renesas Technology Corp M3850 Datasheet HTML 36Page - Renesas Technology Corp M3850 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 88 page
background image
Rev.2.10
2005.11.14
page 33 of 86
REJ03B0093-0210
3850 Group (Spec.A)
A/D CONVERTER
[AD Conversion Registers (ADL, ADH)]
003516, 003616
The AD conversion registers are read-only registers that store the
result of an A/D conversion. Do not read these registers during an
A/D conversion.
[AD Control Register (ADCON)] 003416
The AD control register controls the A/D conversion process. Bits
0 to 2 select a specific analog input pin. By setting a value to these
bits, when bit 0 of the AD input selection register (address 003716)
is “0”, P30/AN0-P34/AN4 can be selected, and when bit 0 of the AD
input selection register is “1”, P04/AN5-P07/AN8 can be selected.
Bit 4 indicates the completion of an A/D conversion. The value of
this bit remains at “0” during an A/D conversion and changes to “1”
when an A/D conversion ends. Writing “0” to this bit starts the A/D
conversion.
[AD Input Selection Register (ADSEL)] 003716
The analog input port selection switch bit is assigned to bit 0 of the
AD input selection register. When “0” is set to the analog input port
selection switch bit, P30/AN0-P34/AN4 can be selected by the ana-
log input pin selection bits (b2, b1, b0) of the AD control register
(address 003416). When “1” is set to the analog input port selec-
tion switch bit, P04/AN5-P07/AN8 can be selected by the analog
input pin selection bits (b2, b1, b0) of the AD control register (ad-
dress 003416).
Comparison Voltage Generator
The comparison voltage generator divides the voltage between
AVSS and VREF into 1024 and outputs the divided voltages.
Channel Selector
The channel selector selects one of ports P30/AN0 to P34/AN4,
P04/AN5 to P07/AN8 and inputs the voltage to the comparator.
Comparator and Control Circuit
The comparator and control circuit compare an analog input volt-
age with the comparison voltage, and the result is stored in the AD
conversion registers. When an A/D conversion is completed, the
control circuit sets the AD conversion completion bit and the AD
interrupt request bit to “1”.
Note that because the comparator consists of a capacitor cou-
pling, set f(XIN) to 500 kHz or more during an A/D conversion.
When the A/D converter is operated at low-speed mode, f(XIN)
and f(XCIN) do not have the lower limit of frequency, because of
the A/D converter has a built-in self-oscillation circuit.
Fig. 33 Structure of AD control register
Fig. 35 Structure of AD conversion registers
Fig. 34 Structure of AD input selection register
AD control register
(ADCON : address 003416)
Analog input pin selection bits
0 0 0: P30/AN0
0 0 1: P31/AN1
0 1 0: P32/AN2
0 1 1: P33/AN3
1 0 0: P34/AN4
Not used (returns “0” when read)
AD conversion completion bit
0: Conversion in progress
1: Conversion completed
Not used (returns “0” when read)
b7
b0
b2 b1 b0
Note 1
or
or
or
or
P04/AN5
P05/AN6
P06/AN7
P07/AN8
––––––
Note 2
Notes 1: This is selected when bit 0 of the AD input selection register
(address 003716) is “0”.
2: This is selected when bit 0 of the AD input selection register
(address 003716) is “1”.
AD input selection register
(ADSEL: address 003716)
Analog input port selection switch bit
0: P30/AN0 to P34/AN4 is selected as
analog input pin.
1: P04/AN5 to P07/AN8 is selected as
analog input pin.
Not used (returns “0” when read)
Fix this bit to “0”.
Not used (returns “0” when read)
Fix this bit to “0”.
b7
b0
10-bit reading
(Read address 003616 before 003516)
(Address 003616)
(Address 003516)
8-bit reading (Read only address 003516)
(Address 003516)
b8
b7b6b5b4 b3b2b1b0
b7
b0
b9
b7
b0
Note : The high-order 6 bits of address 003616 become “0”
at reading.
b9b8b7b6 b5b4b3 b2
b7
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com