Electronic Components Datasheet Search
  English  ▼

X  

M3850 Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # M3850
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3850 Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button M3850 Datasheet HTML 67Page - Renesas Technology Corp M3850 Datasheet HTML 68Page - Renesas Technology Corp M3850 Datasheet HTML 69Page - Renesas Technology Corp M3850 Datasheet HTML 70Page - Renesas Technology Corp M3850 Datasheet HTML 71Page - Renesas Technology Corp M3850 Datasheet HTML 72Page - Renesas Technology Corp M3850 Datasheet HTML 73Page - Renesas Technology Corp M3850 Datasheet HTML 74Page - Renesas Technology Corp M3850 Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 88 page
background image
Rev.2.10
2005.11.14
page 71 of 86
REJ03B0093-0210
3850 Group (Spec.A)
Table 18 Recommended operating conditions (1)
(VCC = 2.7 to 5.5 V, Ta = –20 to 85 °C, unless otherwise noted)
Recommended operating conditions
VCC
VSS
VREF
AVSS
VIA
VIH
VIH
VIH
VIL
VIL
VIL
ΣIOH(peak)
ΣIOH(peak)
ΣIOL(peak)
ΣIOL(peak)
ΣIOL(peak)
ΣIOH(avg)
ΣIOH(avg)
ΣIOL(avg)
ΣIOL(avg)
ΣIOL(avg)
5.5
5.5
VCC
VCC
VCC
5.8
VCC
0.2VCC
0.2VCC
0.16VCC
–80
–80
80
120
80
–40
–40
40
60
40
Power source voltage
Power source voltage
A/D convert reference voltage
Analog power source voltage
Analog input voltage
AN0–AN8
“H” input voltage
P00–P07, P10–P17, P20, P21, P24–P27,
P30–P34, P40–P44
“H” input voltage
P22, P23
“H” input voltage
RESET, XIN, CNVSS
“L” input voltage
P00–P07, P10–P17, P20–P27, P30–P34, P40–P44
“L” input voltage
RESET, CNVSS
“L” input voltage
XIN
“H” total peak output current (Note) P00–P07, P10–P17, P30–P34
“H” total peak output current (Note) P20, P21, P24–P27, P40–P44
“L” total peak output current (Note) P00–P07, P30–P34
“L” total peak output current (Note) P10–P17
“L” total peak output current(Note) P20–P27,P40–P44
“H” total average output current (Note)
P00–P07, P10–P17, P30–P34
“H” total average output current (Note)
P20, P21, P24–P27, P40–P44
“L” total average output current (Note)
P00–P07, P30–P34
“L” total average output current (Note)
P10–P17
“L” total average output current (Note)
P20–P27,P40–P44
Symbol
Parameter
Limits
Min.
Unit
4.0
2.7
2.0
AVSS
0.8VCC
0.8VCC
0.8VCC
0
0
0
5.0
5.0
0
0
Typ.
Max.
Note : The total output current is the sum of all the currents flowing through all the applicable ports. The total average current is an average value measured
over 100 ms. The total peak current is the peak value of all the currents.
V
V
V
V
V
V
V
V
V
V
V
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
12.5 MHz (high-speed mode)
12.5 MHz (middle-speed mode), 6 MHz (high-speed mode)
32 kHz (low-speed mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com