Electronic Components Datasheet Search
  English  ▼

X  

M62376GP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M62376GP
Description  8-bit 12ch D/A Converter IC Built-in 12-bit I/O Expander
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62376GP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M62376GP Datasheet HTML 3Page - Renesas Technology Corp M62376GP Datasheet HTML 4Page - Renesas Technology Corp M62376GP Datasheet HTML 5Page - Renesas Technology Corp M62376GP Datasheet HTML 6Page - Renesas Technology Corp M62376GP Datasheet HTML 7Page - Renesas Technology Corp M62376GP Datasheet HTML 8Page - Renesas Technology Corp M62376GP Datasheet HTML 9Page - Renesas Technology Corp M62376GP Datasheet HTML 10Page - Renesas Technology Corp M62376GP Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
M62376GP
REJ03D0881-0300 Rev.3.00 Mar 25, 2008
Page 7 of 10
Data Structure
Serial data
MSB
LSB
S14
S15
S12
S13
S10
S11
S8
S9
S6
S7
S4
S5
S2
S3
S0
S1
Data for DAC and I/O expander
Address data
Address Data
S3
S2
S1
S0
Setup
0
0
0
0
(a)
0
0
0
1
A1 selection
0
0
1
0
A2 selection
0
0
1
1
A3 selection
0
1
0
0
A4 selection
0
1
0
1
A5 selection
0
1
1
0
A6 selection
0
1
1
1
A7 selection
1
0
0
0
A8 selection
1
0
0
1
A9 selection
1
0
1
0
A10 selection
1
0
1
1
A11 selection
1
1
0
0
A12 selection
1
1
0
1
I/O expander (serial
→ parallel conversion)
1
1
1
0
I/O expander (parallel
→ serial conversion)
1
1
1
1
I/O expander status setup
• I/O expander (serial → parallel conversion)
Outputs data on S4 to S15 to pins D0 to D11.
S3
S2
S1
S0
1
1
0
1
• I/O expander (parallel → serial conversion)
Writes data on D0 to D11 pins into S4 to S15.
When next data communication is provided, outputs data sequentially from SO pin at the rise of the shift clock
(CLK).
S3
S2
S1
S0
1
1
1
0
• I/O expander status setup register
Sets input/output pin of I/O expanders.
Data: "0" = Input mode (Hi-Z status), "1" = Output mode
S3
S2
S1
S0
1
1
1
1
S15 S14 S13 S12 S11 S10 S9 S8
S7 S6 S5 S4
D11
Data
Pin
D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com