Electronic Components Datasheet Search
  English  ▼

X  

M62376GP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # M62376GP
Description  8-bit 12ch D/A Converter IC Built-in 12-bit I/O Expander
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62376GP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button M62376GP Datasheet HTML 3Page - Renesas Technology Corp M62376GP Datasheet HTML 4Page - Renesas Technology Corp M62376GP Datasheet HTML 5Page - Renesas Technology Corp M62376GP Datasheet HTML 6Page - Renesas Technology Corp M62376GP Datasheet HTML 7Page - Renesas Technology Corp M62376GP Datasheet HTML 8Page - Renesas Technology Corp M62376GP Datasheet HTML 9Page - Renesas Technology Corp M62376GP Datasheet HTML 10Page - Renesas Technology Corp M62376GP Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
M62376GP
REJ03D0881-0300 Rev.3.00 Mar 25, 2008
Page 8 of 10
DAC Data
S15
S14
S13
S12
S11
S10
S9
S8
S7
S6
S5
S4
*
Analog output voltage (Reference
voltage on the lower side = 0.0 V fixed)
0
0
0
0
0
0
0
0
X
X
X
0
(VDD / 256) × 1 [V]
(1 LSB)
0
0
0
0
0
0
0
1
X
X
X
0
(VDD / 256) × 2 [V]
(2 LSB)
0
0
0
0
0
0
1
0
X
X
X
0
(VDD / 256) × 3 [V]
(3 LSB)
:
:
:
:
:
:
:
:
:
:
:
:
:
1
1
1
1
1
1
1
0
X
X
X
0
(VDD / 256) × 255 [V]
(255 LSB)
1
1
1
1
1
1
1
1
X
X
X
0
VDD [V]
(256 LSB)
X
X
X
X
X
X
X
X
X
X
X
1
High-impedance
(I/O expander selected)
Note:
X: Don’t care
Only A5 to A12 outputs are available for DAC output by S4 and Hi-Z conversion.
(a) Command to set DAC output to High-impedance (DACHiZ command)
S15
S14
S13
S12
S11
S10
S9
S8
S7
S6
S5
S4
S3
S2
S1
S0
Analog output voltage
X
X
X
X
X
X
X
X
1
1
0
1
0
0
0
0
Sets D/A output of A5 to
A12 to High-impedance.
(b) Initial status just after power is turned on:
Low level output from A1 to A4 (set to 00h)
D4/A12 to D11/A5: DAC output of high-impedance (Hi-Z), I/O of input mode (Hi-Z)
D0 to D3: input mode (Hi-Z)
(c) The DACHiZ command is effective only for DAC settings (A5 to A12), but not for the I/O ports (D0 to D11)
Note: To change the status of pins D4/A12 to D11/A5, switch both analog and digital after setup of high-impedance.
Timing Chart (Model)
S0
.....
.....
.....
.....
.....
.....
.....
S15
S0 S1 S2 S3
S12 S13 S14 S15
H-Z
n-1
n-1
n
n
n
n
n
n
n
S12 S13 S14 S15
n-1
n-1
n-1
S0
S1
S2
S3
n-1
n-1
n-1
n-1
S15
n-2
H-Z
S15
n-2
S0
n-2
S15
n-3
H-Z
EN
CLK
SI
SO
.....
.....
.....
.....
Parallel input
(
→Serial output)
D0 to
D11
(Serial input
→)
Parallel output
D0 to
D11
A1 to
A12



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com