Electronic Components Datasheet Search
  English  ▼

X  

M62376GP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M62376GP
Description  8-bit 12ch D/A Converter IC Built-in 12-bit I/O Expander
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62376GP Datasheet(HTML) 1 Page - Renesas Technology Corp

  M62376GP Datasheet HTML 1Page - Renesas Technology Corp M62376GP Datasheet HTML 2Page - Renesas Technology Corp M62376GP Datasheet HTML 3Page - Renesas Technology Corp M62376GP Datasheet HTML 4Page - Renesas Technology Corp M62376GP Datasheet HTML 5Page - Renesas Technology Corp M62376GP Datasheet HTML 6Page - Renesas Technology Corp M62376GP Datasheet HTML 7Page - Renesas Technology Corp M62376GP Datasheet HTML 8Page - Renesas Technology Corp M62376GP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
REJ03D0881-0300 Rev.3.00 Mar 25, 2008
Page 1 of 10
M62376GP
8-bit 12ch D/A Converter IC Built-in 12-bit I/O Expander
REJ03D0881-0300
Rev.3.00
Mar 25, 2008
Description
The M62376GP is a semiconductor IC that adopts a CMOS structure having 12 channels of 8-bit D/A converter and 12-
bit I/O expander. The IC has achieved a wide operation range of 2.7 to 5.5 V in power voltage.
Data is easily available via 3-wire combination system serial input of SI, CLK and
EN. The IC also provides an SO pin
enabling cascade connection. It provides 8 pins that share D/A converter and I/O ports that can be arbitrarily switched
with serial input data.
Features
• Supply voltage: 2.7 to 5.5 V
• Adopts 4 special ports for each of DAC and I/O and 8 ports that share DAC output and I/O
• Each port can be set by serial data for input/output status
• Built-in power-on reset where D/A output is set to "L" in the initial status and I/O goes to high-impedance when
power is turned on
• Small package of 0.65 mm pitch and 24 pin
Application
Adjustment/control of industrial or home-use electronic equipment, such as VCR camera, VCR set, TV, and CRT
display.
Block Diagram
S15 S14 S13 S12 S11 S10 S9 S8 S7 S6 S5 S4 S3 S2 S1 S0
......
......
......
............
............
............
21
22
19
20
23
13
14
24
VDD
VCC
GND
EN
CLK
SI
RESET
SO
A12
A5
A4
A1
12
15
18
5
......
D11/A5
............
D4/A12
D3
D0
1
A1
4
A4
............
............
............
(12)
+
−
+
−
+
−
+
−
Shift register
8-bit
latch
8-bit
latch
8-bit
latch
8-bit D/A
converter
8-bit D/A
converter
8-bit D/A
converter
8-bit
latch
8-bit D/A
converter
Decoder
Clock
control
circuit
I/O select
12-bit latch
Amp. Hi-Z
8-bit latch
Output data 8-bit latch
Output data 4-bit latch


Similar Part No. - M62376GP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62376GP MITSUBISHI-M62376GP Datasheet
89Kb / 8P
8-BIT 12CH D-A CONVERTER IC BUILT-IN 12-BIT I/O EXPANDER
More results

Similar Description - M62376GP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62352P MITSUBISHI-M62352P Datasheet
55Kb / 6P
8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
M62376GP MITSUBISHI-M62376GP Datasheet
89Kb / 8P
8-BIT 12CH D-A CONVERTER IC BUILT-IN 12-BIT I/O EXPANDER
M66006P MITSUBISHI-M66006P Datasheet
102Kb / 5P
12-BIT I/O EXPANDER
logo
OKI electronic componet...
MSM64431 OKI-MSM64431 Datasheet
519Kb / 10P
Built-in 8-Bit A/D Converter 4-Bit Microcontroller
logo
Princeton Technology Co...
PT8300 PTC-PT8300 Datasheet
56Kb / 4P
16-Bit I/O Expander IC
logo
Mitsubishi Electric Sem...
M60006P MITSUBISHI-M60006P Datasheet
75Kb / 5P
12-bit I/O EXPANDER
logo
Renesas Technology Corp
R8A66150SP RENESAS-R8A66150SP Datasheet
429Kb / 8P
12-BIT I/O EXPANDER
M66006P RENESAS-M66006P Datasheet
1Mb / 6P
12-BIT I/O EXPANDER
logo
Princeton Technology Co...
PT8300 PTC-PT8300_10 Datasheet
427Kb / 19P
16-Bit I/O Expander IC
logo
Texas Instruments
PCF8574A TI1-PCF8574A_15 Datasheet
1Mb / 35P
Remote 8-Bit I/O Expander
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com