Electronic Components Datasheet Search
  English  ▼

X  

M62463AFP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # M62463AFP
Description  Dolby Pro Logic Surround Decoder
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62463AFP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button M62463AFP Datasheet HTML 2Page - Renesas Technology Corp M62463AFP Datasheet HTML 3Page - Renesas Technology Corp M62463AFP Datasheet HTML 4Page - Renesas Technology Corp M62463AFP Datasheet HTML 5Page - Renesas Technology Corp M62463AFP Datasheet HTML 6Page - Renesas Technology Corp M62463AFP Datasheet HTML 7Page - Renesas Technology Corp M62463AFP Datasheet HTML 8Page - Renesas Technology Corp M62463AFP Datasheet HTML 9Page - Renesas Technology Corp M62463AFP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
M62463AFP
REJ03F0275-0200 Rev.2.00 Jun 16, 2008
Page 6 of 16
Electrical Characteristics
(Ta = 25
°C, Vcc = 9 V, Vdd = 5 V, Cch volume = 0 dB, at C-OUT 0 dBd = 300 mVrms, f = 1 kHz,
unless otherwise noted)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Total
Circuit current
ICC
—
25
40
mA
No signal
Circuit current
IDD
—
13
25
mA
No signal
Auto-Balance
Capture range
CPR
—
5
—
dB
Error correction
CER
—
4
—
dB
Adaptive Matrix
Output level accuracy
relative to Cch
ΔVoL
–0.5
0
0.5
dB
L, R, Sch output
Matrix rejection
MR
25
40
—
dB
L, R, C, Sch output
Head room
HRAM
15
17
—
dB
L, R, C, Sch output
Total harmonic distortion
THDAM
—
0.05
0.2
%
L, R, Cch output, 30 kHzLPF
S/N ratio
SNAM
70
80
—
dB
Rg = 0
Ω, weighted
CCIR/ARM, 4 ch mode
Noise Sequencer
Output noise level
Vno
–15
–12.5
–10
dB
L, R, C, Sch output
Noise level accuracy relative
to Cch
ΔVno
–0.5
0
0.5
dB
L, R, Sch output
Modified B Noise Reduction (Sch volume = 0 dB, 0 dB reference is 300 mVrms/100 Hz at S-Out)
Gain between input and
output
VGNR
—
5.1
—
dB
Vin = 0 dBd, f = 100 Hz
Decode character 1
DEC1
–1.6
–0.1
1.4
Vin = 0 dBd, f = 1.0 kHz
Decode character 2
DEC2
–3.0
–1.5
0
Vin = –15 dBd, f = 1.4 kHz
Decode character 3
DEC3
–4.9
–3.4
–1.9
Vin = –20 dBd, f = 1.4 kHz
Decode character 4
DEC4
–6.8
–5.3
–3.8
dB
Vin = –40 dBd, f = 5.0 kHz
Total harmonic distortion
THDNR
—
0.07
0.3
%
Vin = 0 dBd, f = 1 kHz,
30 kHzLPF
Head room
HRNR
15
17
—
dB
THD = 1%
S/N ratio
SNNR
68
78
—
dB
Rg = 0
Ω,
weighted CCIR/ARM
Cch/Sch Master Volume
Maximum attenuator
ATTmax
—
–95
–87
dB
ATT = –
∞, Vi = 2 Vrms
Minimum attenuator
ATTmin
–3.0
0
3.0
dB
ATT = 0 dB
VOLS1
0.5
1.0
1.5
dB
ATT = 0 to –40 dB
Volume step
VOLS2
0.2
1.0
1.8
dB
ATT = –40 to –87 dB
Volume cross-talk
CTVOL
68
83
—
dB
R input/CVOL, SVOL output
Output noise voltage
VnoVOL
—
2.6
5.2
μVrms
ATT = –
∞
Line (Bypass mode)
Total harmonic distortion
THDLN
—
0.002
0.05
%
L, Rch output, 30 kHzLPF
S/N ratio
SNLN
95
100
—
dB
L, Rch output
Line cross-talk
CTLN
70
80
—
dB
L input/R output,
R input/L output
Input impedance
Zi
11
22
44
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com