Electronic Components Datasheet Search
  English  ▼

X  

M62463AFP Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # M62463AFP
Description  Dolby Pro Logic Surround Decoder
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62463AFP Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button M62463AFP Datasheet HTML 6Page - Renesas Technology Corp M62463AFP Datasheet HTML 7Page - Renesas Technology Corp M62463AFP Datasheet HTML 8Page - Renesas Technology Corp M62463AFP Datasheet HTML 9Page - Renesas Technology Corp M62463AFP Datasheet HTML 10Page - Renesas Technology Corp M62463AFP Datasheet HTML 11Page - Renesas Technology Corp M62463AFP Datasheet HTML 12Page - Renesas Technology Corp M62463AFP Datasheet HTML 13Page - Renesas Technology Corp M62463AFP Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
M62463AFP
REJ03F0275-0200 Rev.2.00 Jun 16, 2008
Page 10 of 16
Relation Between Mode Setting and Switch Condition
Pro Logic Mode
(D0 = L, D1 = L)
Surround/Echo Mode
(D0 = H, D1 = L)
Switch Condition
Mode Setting
D4
D5
D6
SW1
SW2
SW3
SW4
SW5
SW6
Normal stereo
(bypass)
X
X
X
1
1
2
4
OFF
2
L
1
Dolby Pro Logic
surround
H
X
X
3
3
2
1
OFF
2
L
2
2
2
X
L
(Surround)
H
Delay mixing ON
1
3
ON
2
1
1
Space
surround/echo
X
H
(Echo)
X
Delay mixing OFF
2
4
OFF
1
Mute
X
X
X
4
4
2
4
OFF
2
Note: X: L or H
Sch Volume Setting (D0 = "L", D1 = "L"), Cch Volume Setting (D0 = "L", D1 = "H")
Volume Level
D7
D8
D9
D10
D11
Volume Level
D12
D13
0 dB
L
L
L
L
L
0 dB
L
L
–2 dB
L
L
L
L
H
–1 dB
L
H
–4 dB
L
L
L
H
L
–2 dB
H
L
–6 dB
L
L
L
H
H
–3 dB
H
H
–8 dB
L
L
H
L
L
–10 dB
L
L
H
L
H
–12 dB
L
L
H
H
L
–14 dB
L
L
H
H
H
–16 dB
L
H
L
L
L
–18 dB
L
H
L
L
H
–20 dB
L
H
L
H
L
–22 dB
L
H
L
H
H
–24 dB
L
H
H
L
L
–26 dB
L
H
H
L
H
–28 dB
L
H
H
H
L
–30 dB
L
H
H
H
H
–32 dB
H
L
L
L
L
–34 dB
H
L
L
L
H
–36 dB
H
L
L
H
L
–40 dB
H
L
L
H
H
–44 dB
H
L
H
L
L
–48 dB
H
L
H
L
H
–52 dB
H
L
H
H
L
–56 dB
H
L
H
H
H
–60 dB
H
H
L
L
L
–64 dB
H
H
L
L
H
–68 dB
H
H
L
H
L
–72 dB
H
H
L
H
H
–76 dB
H
H
H
L
L
–80 dB
H
H
H
L
H
–84 dB
H
H
H
H
L
–
∞
H
H
H
H
H
Chip Address
D14
D15
Data Read
L
H
Enable
Others
Unable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com