Electronic Components Datasheet Search
  English  ▼

X  

M62463AFP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # M62463AFP
Description  Dolby Pro Logic Surround Decoder
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62463AFP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button M62463AFP Datasheet HTML 4Page - Renesas Technology Corp M62463AFP Datasheet HTML 5Page - Renesas Technology Corp M62463AFP Datasheet HTML 6Page - Renesas Technology Corp M62463AFP Datasheet HTML 7Page - Renesas Technology Corp M62463AFP Datasheet HTML 8Page - Renesas Technology Corp M62463AFP Datasheet HTML 9Page - Renesas Technology Corp M62463AFP Datasheet HTML 10Page - Renesas Technology Corp M62463AFP Datasheet HTML 11Page - Renesas Technology Corp M62463AFP Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
M62463AFP
REJ03F0275-0200 Rev.2.00 Jun 16, 2008
Page 8 of 16
Serial Data Control Format
(1) Data input format
DATA is read at the rising edge of SCK, and loaded last 16 bits at the rising edge of REQ.
DATA
SCK
REQ
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
"H"
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
L
Mode set
Pro
Logic
mode
Center
mode
Sch volume
L
H
L
H
Delay time
Auto-
balance
set to
"L"
Cch volume
Chip
address
L
Noise sequencer
Surround/echo mode
H
H
Test mode (user inhibit)
(2) Control condition
No.
Control Mode
Contents
1
Mode set
Normal stereo/Dolby Pro Logic/space surround or echo/mute
2
Pro Logic mode
4 ch Pro Logic/3 ch stereo
3
Center mode
Wide/Normal/Phantom/OFF
4
Delay time
15.4, 20.5, 25.6, 29.2, 51.2 ms (for surround)
123,184 ms (for echo)
5
Auto-balance
Input auto-balance ON/OFF
6
Noise sequencer
ON/OFF Lch/Rch/Cch/Sch
7
Surround/echo mode
Delay input L – R/(L + R) / 2 /MICin
Feedback volume, microphone volume, delay output mixing
8
Cch/Sch volume
0 to –87 dB / 1 dB step, and –
∞
9
Chip address
Input data effect or not
(3) Set conditions
Mode Setting (D0 = "L", D1 = "L")
D2
D3
Condition
L
L
Normal stereo (bypass)
L
H
Dolby Pro Logic surround
H
L
Space surround/echo
H
H
Output mute
Pro Logic Mode Setting (D0 = "L", D1 = "L")
Center Mode Setting (D0 = "L", D1 = "L")
D4
Condition
D5
D6
Condition
L
4 ch Pro Logic
L
L
Wide
H
3 ch stereo
L
H
Normal
H
L
Phantom
H
H
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com