Electronic Components Datasheet Search
  English  ▼

X  

R32C121 Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # R32C121
Description  RENESAS MCU
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R32C121 Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button R32C121 Datasheet HTML 48Page - Renesas Technology Corp R32C121 Datasheet HTML 49Page - Renesas Technology Corp R32C121 Datasheet HTML 50Page - Renesas Technology Corp R32C121 Datasheet HTML 51Page - Renesas Technology Corp R32C121 Datasheet HTML 52Page - Renesas Technology Corp R32C121 Datasheet HTML 53Page - Renesas Technology Corp R32C121 Datasheet HTML 54Page - Renesas Technology Corp R32C121 Datasheet HTML 55Page - Renesas Technology Corp R32C121 Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 113 page
background image
REJ03B0237-0050 Rev.0.50 Jul 31, 2008
Page 52 of 111
Under development
Preliminary Specification
This is a preliminary specification and is subject to change.
R32C/121 Group
4. Special Function Registers (SFR)
Table 4.34
SFR List (34)
Address
Register
Symbol
Reset Value
0478F0h CAN1 Mailbox 15: Message Identifier
C1MB15
XXXX XXXXh
0478F1h
0478F2h
0478F3h
0478F4h
0478F5h CAN1 Mailbox 15: Data Length
XXh
0478F6h CAN1 Mailbox 15: Data Field
XXXX XXXX
XXXX XXXXh
0478F7h
0478F8h
0478F9h
0478FAh
0478FBh
0478FCh
0478FDh
0478FEh CAN1 Mailbox 15: Time Stamp
XXXXh
0478FFh
047900h CAN1 Mailbox 16: Message Identifier
C1MB16
XXXX XXXXh
047901h
047902h
047903h
047904h
047905h CAN1 Mailbox 16: Data Length
XXh
047906h CAN1 Mailbox 16: Data Field
XXXX XXXX
XXXX XXXXh
047907h
047908h
047909h
04790Ah
04790Bh
04790Ch
04790Dh
04790Eh CAN1 Mailbox 16: Time Stamp
XXXXh
04790Fh
047910h CAN1 Mailbox 17: Message Identifier
C1MB17
XXXX XXXXh
047911h
047912h
047913h
047914h
047915h CAN1 Mailbox 17: Data Length
XXh
047916h CAN1 Mailbox 17: Data Field
XXXX XXXX
XXXX XXXXh
047917h
047918h
047919h
04791Ah
04791Bh
04791Ch
04791Dh
04791Eh CAN1 Mailbox 17: Time Stamp
XXXXh
04791Fh
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com