Electronic Components Datasheet Search
  English  ▼

X  

HD49335NP Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # HD49335NP
Description  CDS/PGA & 10-bit A/D TG Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD49335NP Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button HD49335NP Datasheet HTML 18Page - Renesas Technology Corp HD49335NP Datasheet HTML 19Page - Renesas Technology Corp HD49335NP Datasheet HTML 20Page - Renesas Technology Corp HD49335NP Datasheet HTML 21Page - Renesas Technology Corp HD49335NP Datasheet HTML 22Page - Renesas Technology Corp HD49335NP Datasheet HTML 23Page - Renesas Technology Corp HD49335NP Datasheet HTML 24Page - Renesas Technology Corp HD49335NP Datasheet HTML 25Page - Renesas Technology Corp HD49335NP Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
HD49335NP/HNP
Rev.1.0, Feb.12.2004, page 22 of 29
• Address H’F5 sets the DLL delay time and selects the 1/4 phase. Details are on the next page. And D15 of address
H’F8 can switch 2/3 divided mode but ensure that this address data relative to valid/invalid.
D15 of address H’F8 = 0
D15 of address H’F8 = 1
Divided mode
2 divided, 1/4 phase select
3 divided, 1/6 phase select
D0 to D7 of address H’F5
Valid
Invalid
D0 to D14 of address H’F8
Invalid
Valid
• Phase settings of high speed pulse (address H’F5 to H’F8)
(1) Select the 1/4 phase from figure 13 at 2 divided mode (D15 = 0 of address H’F8).
Select the 1/6 phase from figure 14 at 3 divided mode (D15 = 1 of address H’F8).
·····P_SP1, P_SP2, P_ADCLK, P_RG
(2) Then select the necessary delay time from figure 15.
·····DL_SP1, DL_SP2, DL_RG, DL_ADCLK
RG can be set both of rising / falling edge optionally.
H1
Data = 0
Data = 1
Data = 3
Data = 2
P_SP1
P_SP2
H1
Data = 0
Data = 1
Data = 3
Data = 2
P_ADCLK
P_RG
Figure 13 2 Divided Mode, 1/4 Phase Select (Valid at D15 = 0 of address H’F8)
H1
Data = 5
Data = 2
Data = 3
Data = 4
Data = 1
Data = 0
P_SP1
P_SP2
H1
Data = 0
Data = 3
Data = 4
Data = 5
Data = 2
Data = 1
P_ADCLK
P_RG
Figure 14 3 Divided Mode, 1/6 Phase Select (Valid at D15 = 1 of address H’F8)
Default Value of Each Phases
P_SP1
P_SP2
P_ADCLK
P_RG
2 divided mode
1
2
1
0
3 divided mode
0
3
1
5
Note:
50% of duty pulse makes tr, tf of RG by DLL.
Address
STD1[7:0] (L)
STD2[15:8] (H)
11110110
D4
D3
D2
D7
D6
D5
D1
D0
D12 D11 D10 D9
D8
DL_SP2
DL_SP1
DL_RG_f
DL_RG_r
DL_ADCLK
CDS_test
Address
STD1[7:0] (L)
STD2[15:8] (H)
11110111
D4
D3
D2
D7
D6
D5
D1
D0
D12 D11 D10 D9
D8
Dummy
clamp th
Dummy
clamp current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com