Electronic Components Datasheet Search
  English  ▼

X  

HD49335NP Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # HD49335NP
Description  CDS/PGA & 10-bit A/D TG Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD49335NP Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button HD49335NP Datasheet HTML 20Page - Renesas Technology Corp HD49335NP Datasheet HTML 21Page - Renesas Technology Corp HD49335NP Datasheet HTML 22Page - Renesas Technology Corp HD49335NP Datasheet HTML 23Page - Renesas Technology Corp HD49335NP Datasheet HTML 24Page - Renesas Technology Corp HD49335NP Datasheet HTML 25Page - Renesas Technology Corp HD49335NP Datasheet HTML 26Page - Renesas Technology Corp HD49335NP Datasheet HTML 27Page - Renesas Technology Corp HD49335NP Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
HD49335NP/HNP
Rev.1.0, Feb.12.2004, page 24 of 29
Operation Sequence at Power On
VDD
(1) Resistor transfer of TG part
(2) DLL data transfer of CDS part
(3) Reset=L of CDS part
(4) Reset=H of CDS part
(5) Other data of CDS part
: Wait more than 6clk after release the hardware Reset and then transfer
the necessary data to TG part.
: Transfer the phase data of RG, SP1, SP2, ADCLK of CDS part.
: Transfer Reset bit = 0 of address H'F2.
: Transfer Reset bit = 1 of address H'F2. (Reset release)
: Transfer the SH_SW_fsel and other PGA.
CLK_in
Hardware
Reset
3clk or more
6clk or more
(1)
2ms or more
(Charge of external C)
40,000ADCLK or more
(offset calibration)
(2) (3)
(4)
CDS_Reset = Low
(5)
Note: At 2 divided mode: ADCLK = 1/2CLK_in
At 3 divided mode: ADCLK = 1/3CLK_in
SP1
SP2
ADCLK
OBP
etc.
RESET bit
Automatic adjustment taking
40,000ADCLK period after
Reset cancellation
∗ Before transfer the Reset bit = 0, TG series pulse need to be settled, so address
H'00 to H'EF of TG part and H'F4 to H7F7 of CDS part should transfer in advance.
HD49335
serial data transfer
Must be stable within the operating
power supply voltage range
Start control
of TG and
camera DSP
Automatic offset
calibration
The following describes the above serial data transfer. For details of resistor settings are referred to serial data
function table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com