Electronic Components Datasheet Search
  English  ▼

X  

HD49335NP Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # HD49335NP
Description  CDS/PGA & 10-bit A/D TG Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD49335NP Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button HD49335NP Datasheet HTML 22Page - Renesas Technology Corp HD49335NP Datasheet HTML 23Page - Renesas Technology Corp HD49335NP Datasheet HTML 24Page - Renesas Technology Corp HD49335NP Datasheet HTML 25Page - Renesas Technology Corp HD49335NP Datasheet HTML 26Page - Renesas Technology Corp HD49335NP Datasheet HTML 27Page - Renesas Technology Corp HD49335NP Datasheet HTML 28Page - Renesas Technology Corp HD49335NP Datasheet HTML 29Page - Renesas Technology Corp HD49335NP Datasheet HTML 30Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
HD49335NP/HNP
Rev.1.0, Feb.12.2004, page 26 of 29
Notice for Use
1. Careful handling is necessary to prevent damage due to static electricity.
2. This product has been developed for consumer applications, and should not be used in non-consumer applications.
3. As this IC is sensitive to power line noise, the ground impedance should be kept as small as possible. Also, to
prevent latchup, a ceramic capacitor of 0.1 µF or more and an electrolytic capacitor of 10 µF or more should be
inserted between the ground and power supply.
4. Common connection of AVDD and DVDD should be made off-chip. If AVDD and DVDD are isolated by a noise filter,
the phase difference should be 0.3 V or less at power-on and 0.1 V or less during operation.
5. If a noise filter is necessary, make a common connection after passage through the filter, as shown in the figure
below.
HD49335
AVSS
DVSS
AVDD
DVDD1 to 4
Noise filter
Analog
+3.0V
HD49335
DVSS
AVSS
DVDD1 to 4
AVDD
100
µH
0.01
µF
Noise filter
Example of noise filter
Digital
+3.0V
0.01
µF
6. Connect AVSS and DVSS off-chip using a common ground. If there are separate analog system and digital system
set grounds, connect to the analog system.
7. When VDD is specified in the data sheet, this indicates AVDD and DVDD.
8. No Connection (NC) pins are not connected inside the IC, but it is recommended that they be connected to power
supply or ground pins or left open to prevent crosstalk in adjacent analog pins.
9. To ensure low thermal resistance of the package, a Cu-type lead material is used. As this material is less tolerant of
bending than Fe-type lead material, careful handling is necessary.
10. The infrared reflow soldering method should be used to mount the chip. Note that general heating methods such as
solder dipping cannot be used.
11. Serial communication should not be performed during the effective video period, since this will result in degraded
picture quality. Also, use of dedicated ports is recommended for the SCK and SDATA signals used in the
HD49330AF. If ports are to be shared with another IC, picture quality should first be thoroughly checked.
12. At power-on, automatic adjustment of the offset voltage generated from PGA, ADC, etc., must be implemented in
accordance with the power-on operating sequence (see page 24).
13. Ripple noise of DC/DC converter which generates the voltage of analog part should set under –50 dB with power
supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com