Electronic Components Datasheet Search
  English  ▼

X  

HD404082 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # HD404082
Description  Low-Voltage AS Microcomputers with On-Chip A/D Converter
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404082 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button HD404082 Datasheet HTML 35Page - Renesas Technology Corp HD404082 Datasheet HTML 36Page - Renesas Technology Corp HD404082 Datasheet HTML 37Page - Renesas Technology Corp HD404082 Datasheet HTML 38Page - Renesas Technology Corp HD404082 Datasheet HTML 39Page - Renesas Technology Corp HD404082 Datasheet HTML 40Page - Renesas Technology Corp HD404082 Datasheet HTML 41Page - Renesas Technology Corp HD404082 Datasheet HTML 42Page - Renesas Technology Corp HD404082 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 161 page
background image
HD404374/HD404384/HD404389/HD404082/HD404084 Series
Rev.5.00, Sep.11.2003, page 39 of 161
Interrupt enable flag (IE: $000,0):
The interrupt enable flag controls interrupt enabling/disabling of all interrupt requests as shown in table 4.
The interrupt enable flag is reset by interrupt handling and set by the RTNI instruction.
Table 4
Interrupt Enable Flag (IE: $000,0)
Interrupt Enable Flag (IE)
Interrupt Enabling/Disabling
0
Interrupts disabled
1
Interrupts enabled
Wakeup interrupt request flag (IFWU: $000,2):
The wakeup interrupt request flag (IFWU) is set by the detection of a falling edge in
WU
0 input in active
mode, subactive mode,watch mode, or standby mode. In stop mode, when a falling edge is detected at the
wakeup pin, the MCU waits for the oscillation settling time, then switches to active mode. When a
transition is made from stop mode to active mode with IE set to 1 and IMWU cleared to 0, wakeup
interrupt handling is executed after the switch to active mode. The wakeup interrupt request flag (IFWU) is
not set in this case (table 5).
Table 5
Wakeup Interrupt Request Flag (IFWU: $000,2)
Wakeup Interrupt Request Flag
(IFWU)
Interrupt Request
0
No wakeup interrupt request
1
Wakeup interrupt request generated
Wakeup Interrupt Mask (IMWU: $000,3):
his bit masks an interrupt request by the wakeup interrupt request flag (table 6).
Table 6
Wakeup Interrupt Request Mask (IMWU: $000,3)
Wakeup Interrupt Mask (IMWU)
Interrupt Request
0
Wakeup interrupt request enabled
1
Wakeup interrupt request masked (held pending)
External interrupt request flag (IF0: $001, 0):
The external interrupt request flag is set by an
INT
0 input falling edge (table 7).
Table 7
External Interrupt Request Flag (IF0: $001, 0)
External Interrupt Request Flag
(IF0)
Interrupt Request
0
No external interrupt request
1
External interrupt request generated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com