Electronic Components Datasheet Search
  English  ▼

X  

HD404082 Datasheet(PDF) 62 Page - Renesas Technology Corp

Part # HD404082
Description  Low-Voltage AS Microcomputers with On-Chip A/D Converter
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404082 Datasheet(HTML) 62 Page - Renesas Technology Corp

Back Button HD404082 Datasheet HTML 58Page - Renesas Technology Corp HD404082 Datasheet HTML 59Page - Renesas Technology Corp HD404082 Datasheet HTML 60Page - Renesas Technology Corp HD404082 Datasheet HTML 61Page - Renesas Technology Corp HD404082 Datasheet HTML 62Page - Renesas Technology Corp HD404082 Datasheet HTML 63Page - Renesas Technology Corp HD404082 Datasheet HTML 64Page - Renesas Technology Corp HD404082 Datasheet HTML 65Page - Renesas Technology Corp HD404082 Datasheet HTML 66Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 161 page
background image
HD404374/HD404384/HD404389/HD404082/HD404084 Series
Rev.5.00, Sep.11.2003, page 62 of 161
D Port
The D port consists of 10 I/O pins that are addressed bit-by-bit.
Ports D
0 to D3 are source large-current I/O pins, and ports D4 to D7 are sink large-current I/O pins.
The D port can be set and reset by the SED and RED instructions or the SEDD and REDD instructions.
Output data is stored in the port data register (PDR) for each pin. The entire D port can be tested by the TD
or TDD instruction.
The D port output buffer is turned on and off by the D port data control registers (DCD0 to DCD2: $030 to
$032). The DCD registers are mapped onto memory addresses (figure 25).
Port D
0 is multiplexed as interrupt input pin INT0.
Setting as interrupt pin is performed by bit 0 (PMR00)
of port mode register 0 (PMR0: $008) (figure 26).
Data control registers (DCD0–2 : $030–$032)
(DCR0–2, 7 : $034–$036, $03B)
Register Name
DCDn
DCRm
Bit
Read/Write
Reset
Bit name
Read/Write
Reset
Bit name
3
W
0
DCDn3
W
0
DCRm3
2
W
0
DCDn2
W
0
DCRm2
1
W
0
DCDn1
W
0
DCRm1
0
W
0
DCDn0
W
0
DCRm0
All bits
0
1
CMOS buffer off (high impedance)
CMOS buffer active
CMOS buffer control
Register Name
DCD0
DCD1
DCD2
DCR0
DCR1
DCR2
DCR7
Bit 3
D3
D7
R13
R73
Bit 2
D2
D6
R22
R72
Bit 1
D1
D5
D9
R21
R71
Bit 0
D0
D4
D8
R00
R10
R20
R70
Correspondence between each bit of DCD and DCR and ports
(n=0 to 2)
(m=0 to 2, 7)
Figure 25 Data Control Registers (DCD, DCR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com