Electronic Components Datasheet Search
  English  ▼

X  

HD404082 Datasheet(PDF) 67 Page - Renesas Technology Corp

Part # HD404082
Description  Low-Voltage AS Microcomputers with On-Chip A/D Converter
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404082 Datasheet(HTML) 67 Page - Renesas Technology Corp

Back Button HD404082 Datasheet HTML 63Page - Renesas Technology Corp HD404082 Datasheet HTML 64Page - Renesas Technology Corp HD404082 Datasheet HTML 65Page - Renesas Technology Corp HD404082 Datasheet HTML 66Page - Renesas Technology Corp HD404082 Datasheet HTML 67Page - Renesas Technology Corp HD404082 Datasheet HTML 68Page - Renesas Technology Corp HD404082 Datasheet HTML 69Page - Renesas Technology Corp HD404082 Datasheet HTML 70Page - Renesas Technology Corp HD404082 Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 161 page
background image
HD404374/HD404384/HD404389/HD404082/HD404084 Series
Rev.5.00, Sep.11.2003, page 67 of 161
Prescalers
The MCU has the following prescalers, S and W (HD404374 Series).
The operating conditions for each prescaler are shown in table 24, and the output supply destinations in
figure 31.
Timer A to C input clocks other than external events, and serial transfer clocks other than external clocks
are selected from the prescaler outputs in accordance with the respective mode register.
Prescaler Operation
Prescaler S (PSS):
Prescaler S is an 11-bit counter that has the system clock as input. When the MCU is reset, prescaler S is
reset to $000, then divides the system clock. Prescaler S operation is stopped by a reset by the MCU, and
in stop mode and watch mode
*1. It does not stop in any other modes.
Prescaler W (PSW) (HD404374 Series):
Prescaler W is a counter that has a clock divided from the X1 input (32 kHz crystal oscillation) as input.
When the MCU is reset, prescaler W is reset to $00, then divides the input clock. Prescaler W can also be
reset by software.
Table 24
Prescaler Operating Conditions
Prescaler
Input Clock
Reset Conditions
Stop Conditions
Prescaler S
System clock in active and
standby modes, subsystem
clock in subactive mode*
1
MCU reset, stop mode
clearance
MCU reset, stop mode,
watch mode*
1
Prescaler W
Clock obtained by division-
by-8 of 32.768 kHz
oscillation by subsystem
clock oscillator
MCU reset, software*
2
MCU reset, stop mode
Notes: *1 Applies to HD404374 Series
*2 If bits TMA3 to TMA1 in timer mode register A (TMA) are all set to 1, PSW is cleared to $00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com