Electronic Components Datasheet Search
  English  ▼

X  

HD404372 Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # HD404372
Description  Low-Voltage AS Microcomputers with On-Chip A/D Converter
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404372 Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button HD404372 Datasheet HTML 93Page - Renesas Technology Corp HD404372 Datasheet HTML 94Page - Renesas Technology Corp HD404372 Datasheet HTML 95Page - Renesas Technology Corp HD404372 Datasheet HTML 96Page - Renesas Technology Corp HD404372 Datasheet HTML 97Page - Renesas Technology Corp HD404372 Datasheet HTML 98Page - Renesas Technology Corp HD404372 Datasheet HTML 99Page - Renesas Technology Corp HD404372 Datasheet HTML 100Page - Renesas Technology Corp HD404372 Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 161 page
background image
HD404374/HD404384/HD404389/HD404082/HD404084 Series
Rev.5.00, Sep.11.2003, page 97 of 161
Transfer end
(IFS
←"1")
Disable interrupts
IFS
←"0"
SMR1 write
IFS=1?
Normal termination
Serial clock
error processing
(1) Serial clock error detection flowchart
Serial clock
wait state
Transfer state
Serial clock
wait state
Transfer state
(Noise)
State
SCK pin
(input)
SMR1
write
IFS
12
3
4
5
6
7
8
(2) Serial clock error detection sequence
Flag set by octal
counter reaching
000
Flag reset by transfer
end processing
Yes
No
Because the serial
interface returns to
the transfer state, a
write to SMR1
resets IFS.
Figure 55 Example of Serial Clock Error Detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com