Electronic Components Datasheet Search
  English  ▼

X  

38C3 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # 38C3
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38C3 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button 38C3 Datasheet HTML 32Page - Renesas Technology Corp 38C3 Datasheet HTML 33Page - Renesas Technology Corp 38C3 Datasheet HTML 34Page - Renesas Technology Corp 38C3 Datasheet HTML 35Page - Renesas Technology Corp 38C3 Datasheet HTML 36Page - Renesas Technology Corp 38C3 Datasheet HTML 37Page - Renesas Technology Corp 38C3 Datasheet HTML 38Page - Renesas Technology Corp 38C3 Datasheet HTML 39Page - Renesas Technology Corp 38C3 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 63 page
background image
35
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
38C3 Group
RESET
Internal
reset
Address
Data
SYNC
φ
XIN
FFFC
FFFD
ADH, ADL
ADL
??
?
?
XIN : about 8000 cycles
Note
Reset address from
vector table
1: The frequency relation of f(XIN) and f(
φ) is f(XIN) = 8 • f(φ).
2: The question marks (?) indicate an undefined state that depends on the previous state.
ADH
(Note)
0.2VCC
0V
0V
Poweron
VCC
RESET
VCC
RESET
Power source
voltage detection
circuit
Power source
voltage
Reset input
voltage
Note : Reset release voltage ; Vcc=2.5 V
RESET CIRCUIT
To reset the microcomputer, RESET pin should be held at an “L” level
for 2
µs or more. Then the RESET pin is returned to an “H” level (the
power source voltage should be between 2.5 V and 5.5 V, and the
oscillation should be stable), reset is released. After the reset is com-
pleted, the program starts from the address contained in address
FFFD16 (high-order byte) and address FFFC16 (low-order byte). Make
sure that the reset input voltage is less than 0.5 V for VCC of 2.5 V
(switching to the high-speed mode, a power source voltage must be
between 4.0 V and 5.5 V).
Fig. 38 Reset sequence
Fig. 37 Reset circuit example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com