Electronic Components Datasheet Search
  English  ▼

X  

38C3 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 38C3
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38C3 Datasheet(HTML) 5 Page - Renesas Technology Corp

  38C3 Datasheet HTML 1Page - Renesas Technology Corp 38C3 Datasheet HTML 2Page - Renesas Technology Corp 38C3 Datasheet HTML 3Page - Renesas Technology Corp 38C3 Datasheet HTML 4Page - Renesas Technology Corp 38C3 Datasheet HTML 5Page - Renesas Technology Corp 38C3 Datasheet HTML 6Page - Renesas Technology Corp 38C3 Datasheet HTML 7Page - Renesas Technology Corp 38C3 Datasheet HTML 8Page - Renesas Technology Corp 38C3 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 63 page
background image
4
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
38C3 Group
• 1-bit input pin.
• CMOS compatible input level.
• 7-bit I/O port.
• CMOS compatible input level.
• CMOS 3-state output structure.
• I/O direction register allows each pin to be individually
programmed as either input or output.
• Pull-up control is enabled.
• 8-bit I/O port.
• CMOS compatible input level.
• CMOS 3-state output structure.
• I/O direction register allows each pin to be individually
programmed as either input or output.
• Pull-up control is enabled.
• 2-bit I/O port.
• CMOS compatible input level.
• CMOS 3-state output structure.
• I/O direction register allows each pin to be individually
programmed as either input or output.
• Pull-up control is enabled.
• 8-bit I/O port.
• TTL input level.
• CMOS 3-state output structure.
• I/O direction register allows each pin to be individually
programmed as either input or output.
• Pull-up control is enabled.
Pin
P51
P50/TAOUT
P52/PWM1
P53/CNTR0,
P54/CNTR1
P55/INT0,
P56/INT1,
P57/INT2
P60/AN0 –
P67/AN7
P70/XCOUT,
P71/XCIN
P80 – P87
Table 2 Pin description (2)
Name
Input port P5
I/O port P5
I/O port P6
I/O port P7
I/O port P8
Function except a port function
• Timer A output pin
• PWM1 output (timer output) pin
• External count I/O pins
• External interrupt input pins
• A-D conversion input pins
• Sub-clock generating circuit I/O pins
• Key input (Key-on wake-up) interrupt
input pins
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com